Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1076 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UJA1076
Description  High-speed CAN core system basis chip
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1076 Datasheet(HTML) 2 Page - NXP Semiconductors

  UJA1076 Datasheet HTML 1Page - NXP Semiconductors UJA1076 Datasheet HTML 2Page - NXP Semiconductors UJA1076 Datasheet HTML 3Page - NXP Semiconductors UJA1076 Datasheet HTML 4Page - NXP Semiconductors UJA1076 Datasheet HTML 5Page - NXP Semiconductors UJA1076 Datasheet HTML 6Page - NXP Semiconductors UJA1076 Datasheet HTML 7Page - NXP Semiconductors UJA1076 Datasheet HTML 8Page - NXP Semiconductors UJA1076 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
UJA1076_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
2 of 47
NXP Semiconductors
UJA1076
High-speed CAN core system basis chip
2.
Features and benefits
2.1 General
Contains a full set of CAN ECU functions:
CAN transceiver
Scalable 3.3 V or 5 V voltage regulator delivering up to 250 mA for a
microcontroller and peripheral circuitry; an external PNP transistor can be
connected for better heat distribution over the PCB
Separate voltage regulator for the CAN transceiver (5 V)
Watchdog with Window and Timeout modes and on-chip oscillator
Serial Peripheral Interface (SPI) for communicating with the microcontroller
ECU power management system
Designed for automotive applications:
Excellent ElectroMagnetic Compatibility (EMC) performance
±8 kV ElectroStatic Discharge (ESD) protection Human Body Model (HBM) on the
CAN bus pins and the wake pins
±6 kV ElectroStatic Discharge (ESD) protection IEC 61000-4-2 on the CAN bus
pins and the wake pins
±58 V short-circuit proof CAN bus pins
Battery and CAN bus pins are protected against transients in accordance with
ISO 7637-3
Supports remote flash programming via the CAN bus
Small 6.1 mm
× 11 mm HTSSOP32 package with low thermal resistance
Pb-free; RoHS and dark green compliant
2.2 CAN transceiver
ISO 11898-2 and ISO 11898-5 compliant high-speed CAN transceiver
Dedicated low dropout voltage regulator for the CAN bus:
Independent of the microcontroller supply
Significantly improves EMC performance
Bus connections are truly floating when power is off
SPLIT output pin for stabilizing the recessive bus level
2.3 Power management
Wake-up via CAN or local wake pins with wake-up source detection
2 wake pins:
WAKE1 and WAKE2 inputs can be switched off to reduce current flow
Output signal (WBIAS) to bias the wake pins, selectable sampling time of 16 ms or
64 ms
Standby mode with very low standby current and full wake-up capability; V1 active to
maintain supply to the microcontroller
Sleep mode with very low sleep current and full wake-up capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com