Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1076 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # UJA1076
Description  High-speed CAN core system basis chip
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1076 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button UJA1076 Datasheet HTML 8Page - NXP Semiconductors UJA1076 Datasheet HTML 9Page - NXP Semiconductors UJA1076 Datasheet HTML 10Page - NXP Semiconductors UJA1076 Datasheet HTML 11Page - NXP Semiconductors UJA1076 Datasheet HTML 12Page - NXP Semiconductors UJA1076 Datasheet HTML 13Page - NXP Semiconductors UJA1076 Datasheet HTML 14Page - NXP Semiconductors UJA1076 Datasheet HTML 15Page - NXP Semiconductors UJA1076 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
UJA1076_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
12 of 47
NXP Semiconductors
UJA1076
High-speed CAN core system basis chip
6.2.4 Mode_Control register
[1]
Bit LHWC is set to 1 after a reset.
[2]
Bit LHC is set to 1 after a reset, if LHWC was set to 1 prior to the reset.
Table 5.
Mode_Control register
Bit
Symbol
Access
Power-on
default
Description
15:13
A2, A1, A0 R
001
register address
12
RO
R/W
0
access status
0: register set to read/write
1: register set to read only
11:10
MC
R/W
00
mode control
00: Standby mode
01: Sleep mode
10: Normal mode; V2 off
11: Normal mode; V2 on
9LHWC[1]
R/W
1
limp home warning control
0: no limp home warning
1: limp home warning is set; next reset will activate LIMP output
8LHC[2]
R/W
0
limp home control
0: LIMP pin set floating
1: LIMP pin driven LOW
7
ENC
R/W
0
enable control
0: EN pin driven LOW
1: EN pin driven HIGH in Normal mode
6
reserved
R
0
5
WBC
R/W
0
wake bias control
0: WBIAS floating if WSEn = 0; 16 ms sampling if WSEn = 1
1: WBIAS on if WSEn = 0; 64 ms sampling if WSEn = 1
4
PDC
R/W
0
power distribution control
0: V1 threshold current for activating the external PNP transistor; load current
rising; Ith(act)PNP = 85 mA; V1 threshold current for deactivating the external
PNP transistor; load current falling; Ith(deact)PNP =50mA; see Figure 7
1: V1 threshold current for activating the external PNP transistor; load current
rising; Ith(act)PNP = 50 mA; V1 threshold current for deactivating the external
PNP transistor; load current falling; Ith(deact)PNP =15mA; see Figure 7
3:0
reserved
R
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com