Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1076 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # UJA1076
Description  High-speed CAN core system basis chip
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1076 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button UJA1076 Datasheet HTML 32Page - NXP Semiconductors UJA1076 Datasheet HTML 33Page - NXP Semiconductors UJA1076 Datasheet HTML 34Page - NXP Semiconductors UJA1076 Datasheet HTML 35Page - NXP Semiconductors UJA1076 Datasheet HTML 36Page - NXP Semiconductors UJA1076 Datasheet HTML 37Page - NXP Semiconductors UJA1076 Datasheet HTML 38Page - NXP Semiconductors UJA1076 Datasheet HTML 39Page - NXP Semiconductors UJA1076 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
UJA1076_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
36 of 47
NXP Semiconductors
UJA1076
High-speed CAN core system basis chip
td(TXDCL-RXDCL)
delay time from TXDC LOW
to RXDC LOW
50 % VTXDC to 50 % VRXDC
VV2 = 4.5 V to 5.5 V
R(CANH-CANL) = 60 Ω
C(CANH-CANL) = 100 pF
CRXDC =15 pF; fTXDC = 250 kHz
60
-
235
ns
td(TXDC-busdom)
delay time from TXDC to bus
dominant
VV2 = 4.5 V to 5. 5 V
R(CANH-CANL) = 60 Ω
C(CANH-CANL) = 100 pF
-70
-
ns
td(TXDC-busrec)
delay time from TXDC to bus
recessive
VV2 = 4.5 V to 5.5 V
R(CANH-CANL) = 60 Ω
C(CANH-CANL) = 100 pF
-90
-
ns
td(busdom-RXDC)
delay time from bus dominant
to RXDC
VV2 = 4.5 V to 5.5 V
R(CANH-CANL) = 60 Ω
C(CANH-CANL) = 100 pF
CRXDC = 15 pF
-75
-
ns
td(busrec-RXDC)
delay time from bus recessive
to RXDC
VV2 = 4.5 V to 5.5 V
R(CANH-CANL) = 60 Ω
C(CANH-CANL) = 100 pF
CRXDC = 15 pF
-95
-
ns
twake(busdom)min
minimum bus dominant
wake-up time
first pulse (after first recessive) for
wake-up on pins CANH and CANL
Sleep mode
0.5
-
3
μs
second pulse for wake-up on pins
CANH and CANL
0.5
-
3
μs
twake(busrec)min
minimum bus recessive
wake-up time
first pulse for wake-up on pins CANH
and CANL; Sleep mode
0.5
-
3
μs
second pulse (after first dominant) for
wake-up on pins CANH and CANL
0.5
-
3
μs
tto(wake)
wake-up time-out time
between wake-up and confirm
messages; Sleep mode
0.4
-
1.2
ms
tto(dom)TXDC
TXDC dominant time-out time CAN online; VV2 = 4.5 V to 5.5 V
VTXDC = 0 V
1.8
-
4.5
ms
Wake bias output; pin WBIAS
tWBIASL
WBIAS LOW time
227
-
278
μs
tcy
cycle time
WBC = 1
58.1
-
71.2
ms
WBC = 0
14.5
-
17.8
ms
Watchdog
ttrig(wd)1
watchdog trigger time 1
Normal mode
watchdog Window mode only
[1]
0.45
×
NWP[2]
-
0.555
×
NWP[2]
ms
ttrig(wd)2
watchdog trigger time 2
Normal, Standby and Sleep modes
watchdog Window mode only
[3]
0.9
×
NWP[2]
-1.11
×
NWP[2]
ms
Table 11.
Dynamic characteristics …continued
Tvj = −40 °C to +150 °C; VBAT = 4.5 V to 28 V; VBAT > VV1; VBAT > VV2; R(CANH-CANL) = 45 Ω to 65 Ω; all voltages are defined
with respect to ground; positive currents flow in the IC; typical values are given at VBAT = 14 V; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com