Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1076 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # UJA1076
Description  High-speed CAN core system basis chip
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1076 Datasheet(HTML) 3 Page - NXP Semiconductors

  UJA1076 Datasheet HTML 1Page - NXP Semiconductors UJA1076 Datasheet HTML 2Page - NXP Semiconductors UJA1076 Datasheet HTML 3Page - NXP Semiconductors UJA1076 Datasheet HTML 4Page - NXP Semiconductors UJA1076 Datasheet HTML 5Page - NXP Semiconductors UJA1076 Datasheet HTML 6Page - NXP Semiconductors UJA1076 Datasheet HTML 7Page - NXP Semiconductors UJA1076 Datasheet HTML 8Page - NXP Semiconductors UJA1076 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
UJA1076_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
3 of 47
NXP Semiconductors
UJA1076
High-speed CAN core system basis chip
2.4 Control and Diagnostic features
Safe and predictable behavior under all conditions
Programmable watchdog with independent clock source:
Window, Timeout (with optional cyclic wake-up) and Off modes supported (with
automatic re-enable in the event of an interrupt)
16-bit Serial Peripheral Interface (SPI) for configuration, control and diagnosis
Global enable output for controlling safety-critical hardware
Limp home output (LIMP) for activating application-specific ‘limp home’ hardware in
the event of a serious system malfunction
Overtemperature shutdown
Interrupt output pin; interrupts can be individually configured to signal V1/V2
undervoltage, CAN/local wake-up and cyclic and power-on interrupt events
Bidirectional reset pin with variable power-on reset length to support a variety of
microcontrollers
Software-initiated system reset
2.5 Voltage regulators
Main voltage regulator V1:
Scalable voltage regulator for the microcontroller, its peripherals and additional
external transceivers
±2 % accuracy
3.3 V and 5 V versions available
Delivers up to 250 mA and can be combined with an external PNP transistor for
better heat distribution over the PCB
Selectable current threshold at which the external PNP transistor starts to deliver
current
Undervoltage warning at 90 % of nominal output voltage and undervoltage reset at
90 % or 70 % of nominal output voltage
Can operate at VBAT voltages down to 4.5 V (e.g. during cranking), in accordance
with ISO7637 pulse 4/4b and ISO16750-2
Stable output under all conditions
Voltage regulator V2 for CAN transceiver:
Dedicated voltage regulator for on-chip high-speed CAN transceiver
Undervoltage warning at 90 % of nominal output voltage
Can be switched off; CAN transceiver can be supplied by V1 or by an external
voltage regulator
Can operate at VBAT voltages down to 5.5 V (e.g. during cranking) in accordance
with ISO7637, pulse 4
Stable output under all conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com