Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1076 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # UJA1076
Description  High-speed CAN core system basis chip
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1076 Datasheet(HTML) 5 Page - NXP Semiconductors

  UJA1076 Datasheet HTML 1Page - NXP Semiconductors UJA1076 Datasheet HTML 2Page - NXP Semiconductors UJA1076 Datasheet HTML 3Page - NXP Semiconductors UJA1076 Datasheet HTML 4Page - NXP Semiconductors UJA1076 Datasheet HTML 5Page - NXP Semiconductors UJA1076 Datasheet HTML 6Page - NXP Semiconductors UJA1076 Datasheet HTML 7Page - NXP Semiconductors UJA1076 Datasheet HTML 8Page - NXP Semiconductors UJA1076 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
UJA1076_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
5 of 47
NXP Semiconductors
UJA1076
High-speed CAN core system basis chip
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 2.
Pin configuration
UJA1076
i.c.
BAT
i.c.
VEXCTRL
i.c.
TEST2
V1
VEXCC
i.c.
WBIAS
RSTN
i.c.
INTN
i.c.
EN
i.c.
SDI
SPLIT
SDO
GND
SCK
CANL
SCSN
CANH
TXDC
V2
RXDC
WAKE2
TEST1
WAKE1
WDOFF
LIMP
015aaa109
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18
17
20
19
22
21
24
23
26
25
32
31
30
29
28
27
Table 2.
Pin description
Symbol
Pin
Description
i.c.
1
internally connected; should be left floating
i.c.
2
internally connected; should be left floating
i.c.
3
internally connected; should be left floating
V1
4
voltage regulator output for the microcontroller (5 V or 3.3 V depending on
SBC version)
i.c.
5
internally connected; should be left floating
RSTN
6
reset input/output to and from the microcontroller
INTN
7
interrupt output to the microcontroller
EN
8
enable output
SDI
9
SPI data input
SDO
10
SPI data output
SCK
11
SPI clock input
SCSN
12
SPI chip select input
TXDC
13
CAN transmit data input
RXDC
14
CAN receive data output
TEST1
15
test pin; pin should be connected to ground
WDOFF
16
WDOFF pin for deactivating the watchdog
LIMP
17
limp home output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com