Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1076 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # UJA1076
Description  High-speed CAN core system basis chip
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1076 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button UJA1076 Datasheet HTML 17Page - NXP Semiconductors UJA1076 Datasheet HTML 18Page - NXP Semiconductors UJA1076 Datasheet HTML 19Page - NXP Semiconductors UJA1076 Datasheet HTML 20Page - NXP Semiconductors UJA1076 Datasheet HTML 21Page - NXP Semiconductors UJA1076 Datasheet HTML 22Page - NXP Semiconductors UJA1076 Datasheet HTML 23Page - NXP Semiconductors UJA1076 Datasheet HTML 24Page - NXP Semiconductors UJA1076 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
UJA1076_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
21 of 47
NXP Semiconductors
UJA1076
High-speed CAN core system basis chip
• the SBC is in Normal mode (MC = 10 or 11)
• the transceiver is enabled (bit STBCC = 0; see Table 6)
and
• V2 is enabled and its output voltage is above its undervoltage threshold, Vuvd
or
• V2 is disabled but an external voltage source, or V1, connected to pin V2 is above its
undervoltage threshold (see Section 6.6.3)
In CAN Active mode, the transceiver can transmit and receive data via the CANH and
CANL pins. The differential receiver converts the analog data on the bus lines into digital
data which is output on pin RXDC. The transmitter converts digital data generated by a
CAN controller, and input on pin TXDC, to signals suitable for transmission over the bus
lines.
6.7.1.2
Lowpower/Off modes
The CAN transceiver will be in Lowpower mode with bus wake-up detection enabled if bit
STBCC = 1 (see Table 6). The CAN transceiver can be woken up remotely via pins CANH
and CANL in Lowpower mode.
When the SBC is in Standby mode or Sleep mode (MC = 00 or 01), the CAN transceiver
will be in Off mode if bit STBCC = 0. The CAN transceiver is powered down completely in
Off mode to minimize quiescent current consumption.
A filter at the receiver input prevents unwanted wake-up events occurring due to
automotive transients or EMI.
A recessive-dominant-recessive-dominant sequence must occur on the CAN bus within
the wake-up timeout time (tto(wake)) to pass the wake-up filter and trigger a wake-up event
(see Figure 9; note that additional pulses may occur between the recessive/dominant
phases). The minimum recessive/dominant bus times for CAN transceiver wake-up
(twake(busrec)min and twake(busdom)min) must be satisfied (see Table 11).
Fig 9.
CAN wake-up timing diagram
recessive
dominant
recessive
dominant
wake-up
015aaa107
twake < tto(wake)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com