Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2B Datasheet (PDF) - Gulf Semiconductor

ES2B Datasheet PDF - Gulf Semiconductor
Part # ES2B
Download  ES2B Download
File Size   162.34 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?.0A

ES2B Datasheet (PDF)

Go To PDF Page Download Datasheet
ES2B Datasheet PDF - Gulf Semiconductor

Part # ES2B
Download  ES2B Click to download

File Size   162.34 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?.0A

ES2B Datasheet (HTML) - Gulf Semiconductor


ES2B Product details

VOLTAGE:50 TO 600V CURRENT:2.0A

FEATURE
• Ideal for surface mount pick and place application
• Low profile package
• Built-in strain relief
• High surge capability
• High temperature soldering guaranteed 260℃ /10sec/at terminals
• Glass passivated chip
• Ultrafast recovery time for high efficiency




Similar Part No. - ES2B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ES2B JGD-ES2B Datasheet
173Kb / 3P
2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Shanghai Sunrise Electr...
ES2B SSE-ES2B Datasheet
17Kb / 1P
SURFACE MOUNT SUPER FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
ES2B DIODES-ES2B Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. F-2
logo
Fuji Electric
ES2B FUJI-ES2B Datasheet
750Kb / 1P
2 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
logo
General Semiconductor
ES2B GE-ES2B Datasheet
100Kb / 2P
SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER
More results


Similar Description - ES2B

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
ES1A GULFSEMI-ES1A Datasheet
104Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?1.0A
ES2A-A GULFSEMI-ES2A-A Datasheet
164Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 400V CURRENT竊?.0A
ES3A GULFSEMI-ES3A Datasheet
175Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?.0A
GU2A GULFSEMI-GU2A Datasheet
197Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?.0A
GU3A GULFSEMI-GU3A Datasheet
213Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
MURS340-B GULFSEMI-MURS340-B Datasheet
103Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V TO 600V CURRENT竊?3.0A
NF3G GULFSEMI-NF3G Datasheet
156Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
NF3J GULFSEMI-NF3J Datasheet
156Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
US1J GULFSEMI-US1J Datasheet
246Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?600V CURRENT竊?1.0A
USB2J GULFSEMI-USB2J Datasheet
126Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com