Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2B Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # ES2B
Description  SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

ES2B Datasheet(HTML) 1 Page - Gulf Semiconductor

  ES2B Datasheet HTML 1Page - Gulf Semiconductor ES2B Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
ES2A THRU ES2J
SURFACE MOUNT FAST
ULTRAFAST RECTIFIER
VOLTAGE:
:
:
:50 TO 600V
CURRENT:
:
:
:2.0A
FEATURE
SMB/
/
/
/DO-214AA
Ideal for surface mount pick and place application
Low profile package
Built-in strain relief
High surge capability
High temperature soldering guaranteed
260℃/10sec/at terminals
Glass passivated chip
Ultrafast recovery time for high efficiency
MECHANICAL DATA
Terminal:Solder plated, solderable per MIL-STD-750,
Method 2026
Case:JEDEC DO-214AC molded plastic body over
passivated chip
Polarity:color band denotes cathode
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25℃, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
ES2A
ES2B
ES2C
ES2D
ES2G
ES2J
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
150
200
400
600
V
Maximum RMS Voltage
Vrms
35
70
105
140
280
420
V
Maximum DC blocking Voltage
Vdc
50
100
150
200
400
600
V
Maximum Average Forward Rectified
at TL =100℃
If(av)
2.0
A
Peak Forward Surge Current 8.3ms single
half sine- wave superimposed on rated load
Ifsm
50.0
A
Maximum Instantaneous Forward Voltage at
rated forward current 2.0A
Vf
0.92
1.25
1.7
V
Maximum DC Reverse Current
Ta =25℃
at rated DC blocking voltage
Ta =100℃
Ir
10.0
350.0
µ
A
Maximum Reverse Recovery Time
(Note1 )
Trr
15
25
35
nS
Typical Junction Capacitance
(Note 2)
Cj
18.0
pF
Typical Thermal Resistance
(Note 3)
Rth(jl)
20.0
℃/W
Storage and Operating Junction Temperature
Tstg, Tj
-55 to +150
℃
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to terminal mounted on 5×5mm copper pad area


Similar Part No. - ES2B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ES2B JGD-ES2B Datasheet
173Kb / 3P
2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Shanghai Sunrise Electr...
ES2B SSE-ES2B Datasheet
17Kb / 1P
SURFACE MOUNT SUPER FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
ES2B DIODES-ES2B Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. F-2
logo
Fuji Electric
ES2B FUJI-ES2B Datasheet
750Kb / 1P
2 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
logo
General Semiconductor
ES2B GE-ES2B Datasheet
100Kb / 2P
SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER
More results

Similar Description - ES2B

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
ES1A GULFSEMI-ES1A Datasheet
104Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?1.0A
ES2A-A GULFSEMI-ES2A-A Datasheet
164Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 400V CURRENT竊?.0A
ES3A GULFSEMI-ES3A Datasheet
175Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?.0A
GU2A GULFSEMI-GU2A Datasheet
197Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?.0A
GU3A GULFSEMI-GU3A Datasheet
213Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
MURS340-B GULFSEMI-MURS340-B Datasheet
103Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V TO 600V CURRENT竊?3.0A
NF3G GULFSEMI-NF3G Datasheet
156Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
NF3J GULFSEMI-NF3J Datasheet
156Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
US1J GULFSEMI-US1J Datasheet
246Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?600V CURRENT竊?1.0A
USB2J GULFSEMI-USB2J Datasheet
126Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com