Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UGSP06D Datasheet (PDF) - Gulf Semiconductor

UGSP06D Datasheet PDF - Gulf Semiconductor
Part # UGSP06D
Download  UGSP06D Download
File Size   81.66 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description Ultra fast Plastic Power Rectifiers VOLTAGE: 200 CURRENT: 6.0A

UGSP06D Datasheet (PDF)

Go To PDF Page Download Datasheet
UGSP06D Datasheet PDF - Gulf Semiconductor

Part # UGSP06D
Download  UGSP06D Click to download

File Size   81.66 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description Ultra fast Plastic Power Rectifiers VOLTAGE: 200 CURRENT: 6.0A

UGSP06D Datasheet (HTML) - Gulf Semiconductor




Similar Part No. - UGSP06D

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UGSP03J GULFSEMI-UGSP03J Datasheet
111Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE竊?00V CURRENT竊?.0A
UGSP04J GULFSEMI-UGSP04J Datasheet
75Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
UGSP05D GULFSEMI-UGSP05D Datasheet
68Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 5.0A
UGSP05F GULFSEMI-UGSP05F Datasheet
74Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 300V CURRENT:5.0A
UGSP05G GULFSEMI-UGSP05G Datasheet
88Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 400V CURRENT:5.0A
More results


Similar Description - UGSP06D

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
C10TJ GULFSEMI-C10TJ Datasheet
143Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
FERA10D GULFSEMI-FERA10D Datasheet
89Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:10.0A
FERA16G GULFSEMI-FERA16G Datasheet
93Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 16.0A
FESB06J GULFSEMI-FESB06J Datasheet
76Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:6.0A
FESP06G GULFSEMI-FESP06G Datasheet
83Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 6.0A
FMG-06J GULFSEMI-FMG-06J Datasheet
71Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT: 6.0A
UERP06G GULFSEMI-UERP06G Datasheet
81Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 6.0A
UESB06J GULFSEMI-UESB06J Datasheet
173Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:6.0A
UESP06G GULFSEMI-UESP06G Datasheet
83Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 6.0A
UESP06J GULFSEMI-UESP06J Datasheet
94Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:6.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com