Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1564 Datasheet (PDF) - Semtech Corporation

SC1564 Datasheet PDF - Semtech Corporation
Part # SC1564
Download  SC1564 Download
File Size   445.07 Kbytes
Page   11 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Dropout 600mA Linear Regulator in 3mm x 3mm Package

SC1564 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC1564 Datasheet PDF - Semtech Corporation

Part # SC1564
Download  SC1564 Click to download

File Size   445.07 Kbytes
Page   11 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Dropout 600mA Linear Regulator in 3mm x 3mm Package

SC1564 Datasheet (HTML) - Semtech Corporation


SC1564 Product details

Description
The SC1564 is a high performance positive voltage regulator designed for use in applications requiring low dropout voltages up to 600mA. Since it has superior dropout characteristics compared to regular LDOs, it can be used to supply 2.5V on motherboards, or 2.8V on peripheral cards from the 3.3V supply with no heatsink. Additionally, the SC1564 has a shutdown pin to further reduce power dissipation while in shut down mode. The SC1564 provides excellent regulation in line, load and temperature variations.

Features
■ VIN range: 2.7V to 5.5V
■ Fixed 1.5V or adjustable output voltage
■ 600mA output current
■ Operate with ceramic capacitors
■ 2μA quiescent current in shutdown
■ No minimum load current requirement
■ Over-current and over-temperature protection
■ Reverse voltage protection
■ 3mm x 3mm x 1mm MLPD-8 package ( WEEE and RoHS compliant )

Applications
■ Personal digital assistants
■ Battery powered systems
■ Motherboards
■ Peripheral cards
■ PCMCIA cards




Similar Part No. - SC1564

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1563 SEMTECH-SC1563 Datasheet
97Kb / 8P
VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
SC1563IMS-1.8 SEMTECH-SC1563IMS-1.8 Datasheet
97Kb / 8P
VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
SC1563IMS-2.5 SEMTECH-SC1563IMS-2.5 Datasheet
97Kb / 8P
VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
SC1563IMS-2.8 SEMTECH-SC1563IMS-2.8 Datasheet
97Kb / 8P
VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
SC1563IMS-3.0 SEMTECH-SC1563IMS-3.0 Datasheet
97Kb / 8P
VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
More results


Similar Description - SC1564

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
600mA Low Dropout Linear Regulator
logo
Linear Technology
LTC3409 LINER-LTC3409 Datasheet
246Kb / 16P
600mA Low Vin Buck Regulator in 3mm x 3mm DFN
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Linear Technology
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
LTC3409 LINER-LTC3409_15 Datasheet
293Kb / 16P
600mA Low VIN Buck Regulator in 3mm 3mm DFN
LTC3409A LINER-LTC3409A_15 Datasheet
319Kb / 16P
600mA Low VIN Buck Regulator in 3mm 3mm DFN
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com