Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1564 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1564
Description  Low Dropout 600mA Linear Regulator in 3mm x 3mm Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1564 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1564 Datasheet HTML 1Page - Semtech Corporation SC1564 Datasheet HTML 2Page - Semtech Corporation SC1564 Datasheet HTML 3Page - Semtech Corporation SC1564 Datasheet HTML 4Page - Semtech Corporation SC1564 Datasheet HTML 5Page - Semtech Corporation SC1564 Datasheet HTML 6Page - Semtech Corporation SC1564 Datasheet HTML 7Page - Semtech Corporation SC1564 Datasheet HTML 8Page - Semtech Corporation SC1564 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SC1564
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
() Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD5 standards.
(2) This device is ESD sensitive. Use of standard ESD handling precautions is required.
Unless specified: V
SHDN = 0V, Adjustable mode: (VADJ = VREF), Fixed mode: (VADJ = GND), VIN = 2.7V to 5.5V and IOUT = 0mA to 600mA. Values in bold apply over full
operating temperature range.. T
J= -40°C to 50°C, typical value are at TJ= 25°C.
Electrical Characteristics
Absolute Maximum Ratings
IN Voltage ………………………………… -0.3V to +7V
OUT Voltage ………………………………… -0.3V to V
IN
ADJ Voltage ………………………………… -0.3V to V
IN
SHDN Voltage ……………………………… -0.3V to V
IN
Recommended Operating Conditions
Thermal Resistance, Junction to Ambient() …. 4°C/W
Storage Temperature ………………… -65 to +50°C
Peak IR Reflow Temperature (0s to 30s) …… +260°C
Thermal Information
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Supply
IN Voltage Range
V
IN
2.7
5.5
V
Quiescent Current
I
Q
V
IN = 3.3V
85
170
µA
V
IN = VSHDN = 5.5V
0.0
2.00
Output
OUT Voltage()
(Internal Fixed Voltage)
V
OUT
V
IN = 3.3V, IOUT = 0mA, TA = 25°C
.482
.500
.58
V
1.467
1.533
Line Regulation()(2)
REG
(LINE)
V
IN = 2.7V to 5.5V, IOUT = 0mA, TJ ≥ 0°C
0.0
0.40
%
Load Regulation()
REG
(LOAD)
V
IN = 2.7V
0.15
0.40
%
Current Limit()(3)
I
LM
0.65
1.10
A
Dropout Voltage(2)
V
D
I
OUT = 0mA

mV
I
OUT = 00mA
70
5
mV
185
I
OUT = 300mA
20
300
mV
425
I
OUT = 600mA
420
600
mV
835
IN Voltage Range ………………………… 2.7 to 5.5V
Maximum Output Current …………………… 600mA
Junction Temperature ………………… -40 to 50°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com