Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1564 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1564
Description  Low Dropout 600mA Linear Regulator in 3mm x 3mm Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1564 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1564 Datasheet HTML 1Page - Semtech Corporation SC1564 Datasheet HTML 2Page - Semtech Corporation SC1564 Datasheet HTML 3Page - Semtech Corporation SC1564 Datasheet HTML 4Page - Semtech Corporation SC1564 Datasheet HTML 5Page - Semtech Corporation SC1564 Datasheet HTML 6Page - Semtech Corporation SC1564 Datasheet HTML 7Page - Semtech Corporation SC1564 Datasheet HTML 8Page - Semtech Corporation SC1564 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
POWER MANAGEMENT

SC1564
Low Dropout 600mA Linear
Regulator in 3mm x 3mm Package
Features
V
IN range: 2.7V to 5.5V
Fixed .5V or adjustable output voltage
600mA output current
Operate with ceramic capacitors
2μA quiescent current in shutdown
No minimum load current requirement
Over-current and over-temperature protection
Reverse voltage protection
3mm x 3mm x mm MLPD-8 package ( WEEE and
RoHS compliant )
Applications
Personal digital assistants
Battery powered systems
Motherboards
Peripheral cards
PCMCIA cards
Description
The SC564 is a high performance positive voltage reg-
ulator designed for use in applications requiring low
dropout voltages up to 600mA. Since it has superior
dropout characteristics compared to regular LDOs, it
can be used to supply 2.5V on motherboards, or 2.8V on
peripheral cards from the 3.3V supply with no heatsink.
Additionally, the SC564 has a shutdown pin to further
reduce power dissipation while in shut down mode. The
SC564 provides excellent regulation in line, load and
temperature variations.
The output voltage of every device can be selected to
be .5V or adjusted between .2V and 4.55V. The SC564
comes in a space-saving 3mm x 3mm x mm MLPD-8
package.
Typical Application Circuit
February 07, 2008
IN
SHDN
OUT
ADJ
GND
VIN (3.3V)
VOUT (1.5V)
Enable
COUT
CIN
SC1564


Similar Part No. - SC1564

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1563 SEMTECH-SC1563 Datasheet
97Kb / 8P
VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
SC1563IMS-1.8 SEMTECH-SC1563IMS-1.8 Datasheet
97Kb / 8P
VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
SC1563IMS-2.5 SEMTECH-SC1563IMS-2.5 Datasheet
97Kb / 8P
VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
SC1563IMS-2.8 SEMTECH-SC1563IMS-2.8 Datasheet
97Kb / 8P
VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
SC1563IMS-3.0 SEMTECH-SC1563IMS-3.0 Datasheet
97Kb / 8P
VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
More results

Similar Description - SC1564

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
600mA Low Dropout Linear Regulator
logo
Linear Technology
LTC3409 LINER-LTC3409 Datasheet
246Kb / 16P
600mA Low Vin Buck Regulator in 3mm x 3mm DFN
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Linear Technology
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
LTC3409 LINER-LTC3409_15 Datasheet
293Kb / 16P
600mA Low VIN Buck Regulator in 3mm 3mm DFN
LTC3409A LINER-LTC3409A_15 Datasheet
319Kb / 16P
600mA Low VIN Buck Regulator in 3mm 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com