Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1564 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1564
Description  Low Dropout 600mA Linear Regulator in 3mm x 3mm Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1564 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1564 Datasheet HTML 1Page - Semtech Corporation SC1564 Datasheet HTML 2Page - Semtech Corporation SC1564 Datasheet HTML 3Page - Semtech Corporation SC1564 Datasheet HTML 4Page - Semtech Corporation SC1564 Datasheet HTML 5Page - Semtech Corporation SC1564 Datasheet HTML 6Page - Semtech Corporation SC1564 Datasheet HTML 7Page - Semtech Corporation SC1564 Datasheet HTML 8Page - Semtech Corporation SC1564 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SC1564
2
Pin Configuration
Marking Information
Ordering Information
Part Number
Package
SC564ML-.5TRT()(2)(3)
3mm x 3mm x mm MLPD-8
SC564-.5EVB
Evaluation Board
Notes:
() Output voltage can be adjusted using external resistors, see
Pin Descriptions.
(2) Only available in tape and reel packaging. A reel contains 3000 devices.
(3) Available in lead-free package only. Device is WEEE and RoHS compliant.
CB15
yyww
nnnn = Part Number (Example: CB15) -
Marking for the 3 x 3mm MLPD 8 Lead Package:
yyww = Datecode (Example: 0752)
xxxx = Semtech Lot No. (Example: E901)
xxxx
TOP MARK
CHAR
4/4/4
ROWS
3
Reference Part No. Code for small MLP
θ
JA = 4°C/W
1
2
3
4
8
7
6
5
T
TOP VIEW
IN
NC
NC
OUT
GND
SHDN
NC
ADJ
3mm x 3mm x mm MLPD-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com