Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM6 Datasheet (PDF) - EPCOS

RM6 Datasheet PDF - EPCOS
Part # RM6
Download  RM6 Download
File Size   78.53 Kbytes
Page   5 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description ISDN transformers UK0 interface, 2B1Q EP 13, 14.47 mH, 1:1:1

RM6 Datasheet (PDF)

Go To PDF Page Download Datasheet
RM6 Datasheet PDF - EPCOS

Part # RM6
Download  RM6 Click to download

File Size   78.53 Kbytes
Page   5 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description ISDN transformers UK0 interface, 2B1Q EP 13, 14.47 mH, 1:1:1

RM6 Datasheet (HTML) - EPCOS




Similar Part No. - RM6

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RM6 SUMIDA-RM6 Datasheet
203Kb / 1P
xDSL POTs Splitter< Pin Type: RM Series>
logo
FERYSTER Inductive Comp...
RM6-K-12P FERYSTER-RM6-K-12P Datasheet
295Kb / 1P
Polyamide PA66 of type p6g
RM6-K-6P-DS FERYSTER-RM6-K-6P-DS Datasheet
99Kb / 1P
PHENOLIC PM9630
RM6-K-6P-SS FERYSTER-RM6-K-6P-SS Datasheet
739Kb / 1P
RM Bobbins
RM6-K-8P-DS-SMD FERYSTER-RM6-K-8P-DS-SMD Datasheet
127Kb / 1P
RM Bobbins
More results


Similar Description - RM6

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78421A1721A003 EPCOS-B78421A1721A003_08 Datasheet
97Kb / 5P
ISDN transformers UK0 interface, 4B3T EP 13, 7.57 mH, 08:08:1
B78421A1720A003 EPCOS-B78421A1720A003_08 Datasheet
97Kb / 5P
ISDN transformers UK0 interface, 2B1Q EP 13, 14.47 mH, 1:1:1
B78386P1115A005 EPCOS-B78386P1115A005 Datasheet
86Kb / 5P
ISDN transformers UK0 interface, 4B3T RM 6, 5.5 mH, 0.66:0.66:1
B78386P1648A005 EPCOS-B78386P1648A005_08 Datasheet
78Kb / 5P
ISDN transformers UK0 interface, 4B3T EP 13, 7.57 mH, 08:08:1
B78386P1127A005 EPCOS-B78386P1127A005 Datasheet
76Kb / 5P
ISDN transformers UK0 interface, 4B3T RM 6, 7.7 mH, 1.32:1.32:1:1
B78386P1116A005 EPCOS-B78386P1116A005 Datasheet
76Kb / 5P
ISDN transformers UK0 interface, 2B1Q RM 6, 13.3 mH, 1.6:1.6:1:1
B78388P1254A005 EPCOS-B78388P1254A005_08 Datasheet
75Kb / 5P
ISDN transformers UK0 interface, 4B3T EP 13, 7.57 mH, 08:08:1
B78386P1114A005 EPCOS-B78386P1114A005 Datasheet
75Kb / 5P
ISDN transformers UK0 interface, 4B3T EP 13, 7.57 mH, 08:08:1
B78421P1582A005 EPCOS-B78421P1582A005_08 Datasheet
73Kb / 5P
ISDN transformers UK0 interface, 2B1Q EP 13, 14.47 mH, 1:1:1
B78421P1649A005 EPCOS-B78421P1649A005_08 Datasheet
73Kb / 5P
ISDN transformers UK0 interface, 4B3T EP 13, 7.57 mH, 08:08:1
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com