Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM6 Datasheet(PDF) 2 Page - EPCOS

Part # RM6
Description  ISDN transformers UK0 interface, 2B1Q EP 13, 14.47 mH, 1:1:1
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

RM6 Datasheet(HTML) 2 Page - EPCOS

  RM6 Datasheet HTML 1Page - EPCOS RM6 Datasheet HTML 2Page - EPCOS RM6 Datasheet HTML 3Page - EPCOS RM6 Datasheet HTML 4Page - EPCOS RM6 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Applications
Dimensional drawing
■
Matched to Infineon ICs Q-Smint
PEF 80912, 80913
PEF 81912, 81913
PEF 82912, 82913
Feature
■
RoHS-compatible
Marking
■
Manufacturer, middle block
of ordering code, date code
Delivery mode and packing unit
■
Polyfoam tray
■
Packing unit: 360 pcs.
Pinning
FIN0142-S-E
++
++
++
++
17.9 max.
0.45
21 max.
Pin 1
1)
with clamp
1)
marking
FIN0143-A
3.81
3.81
5.08
17.78
ø1.3+0.2
12
3
4
5
6
7
8
ø1+0.15
Recommended hole arrangement
(view in mounting direction)
Dimensions in mm
FIN0154-P-E
8
5
1
4
7
6
Line
IC
3
N
N1
N2
B78386P1580A005
Transformers for information technology (ISDN)
RM 6
UK0 interface, 2B1Q



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com