Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM6 Datasheet(PDF) 1 Page - EPCOS

Part # RM6
Description  ISDN transformers UK0 interface, 2B1Q EP 13, 14.47 mH, 1:1:1
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

RM6 Datasheet(HTML) 1 Page - EPCOS

  RM6 Datasheet HTML 1Page - EPCOS RM6 Datasheet HTML 2Page - EPCOS RM6 Datasheet HTML 3Page - EPCOS RM6 Datasheet HTML 4Page - EPCOS RM6 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
7f…fÁRspp…
7f…fÁRspp…
© EPCOS AG 2008. Reproduction, publication and dissemination of this publication, enclosures
hereto and the information contained therein without EPCOS’ prior express consent is prohibited.
ISDN transformers
UK0 interface, 2B1Q
RM 6, 14.44 mH, 1:1:1
Series/Type:
B78386P1580A005
Date:
October 2008


Similar Part No. - RM6

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RM6 SUMIDA-RM6 Datasheet
203Kb / 1P
xDSL POTs Splitter< Pin Type: RM Series>
logo
FERYSTER Inductive Comp...
RM6-K-12P FERYSTER-RM6-K-12P Datasheet
295Kb / 1P
Polyamide PA66 of type p6g
RM6-K-6P-DS FERYSTER-RM6-K-6P-DS Datasheet
99Kb / 1P
PHENOLIC PM9630
RM6-K-6P-SS FERYSTER-RM6-K-6P-SS Datasheet
739Kb / 1P
RM Bobbins
RM6-K-8P-DS-SMD FERYSTER-RM6-K-8P-DS-SMD Datasheet
127Kb / 1P
RM Bobbins
More results

Similar Description - RM6

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78421A1721A003 EPCOS-B78421A1721A003_08 Datasheet
97Kb / 5P
ISDN transformers UK0 interface, 4B3T EP 13, 7.57 mH, 08:08:1
B78421A1720A003 EPCOS-B78421A1720A003_08 Datasheet
97Kb / 5P
ISDN transformers UK0 interface, 2B1Q EP 13, 14.47 mH, 1:1:1
B78386P1115A005 EPCOS-B78386P1115A005 Datasheet
86Kb / 5P
ISDN transformers UK0 interface, 4B3T RM 6, 5.5 mH, 0.66:0.66:1
B78386P1648A005 EPCOS-B78386P1648A005_08 Datasheet
78Kb / 5P
ISDN transformers UK0 interface, 4B3T EP 13, 7.57 mH, 08:08:1
B78386P1127A005 EPCOS-B78386P1127A005 Datasheet
76Kb / 5P
ISDN transformers UK0 interface, 4B3T RM 6, 7.7 mH, 1.32:1.32:1:1
B78386P1116A005 EPCOS-B78386P1116A005 Datasheet
76Kb / 5P
ISDN transformers UK0 interface, 2B1Q RM 6, 13.3 mH, 1.6:1.6:1:1
B78388P1254A005 EPCOS-B78388P1254A005_08 Datasheet
75Kb / 5P
ISDN transformers UK0 interface, 4B3T EP 13, 7.57 mH, 08:08:1
B78386P1114A005 EPCOS-B78386P1114A005 Datasheet
75Kb / 5P
ISDN transformers UK0 interface, 4B3T EP 13, 7.57 mH, 08:08:1
B78421P1582A005 EPCOS-B78421P1582A005_08 Datasheet
73Kb / 5P
ISDN transformers UK0 interface, 2B1Q EP 13, 14.47 mH, 1:1:1
B78421P1649A005 EPCOS-B78421P1649A005_08 Datasheet
73Kb / 5P
ISDN transformers UK0 interface, 4B3T EP 13, 7.57 mH, 08:08:1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com