Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM6 Datasheet(PDF) 3 Page - EPCOS

Part # RM6
Description  ISDN transformers UK0 interface, 2B1Q EP 13, 14.47 mH, 1:1:1
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

RM6 Datasheet(HTML) 3 Page - EPCOS

  RM6 Datasheet HTML 1Page - EPCOS RM6 Datasheet HTML 2Page - EPCOS RM6 Datasheet HTML 3Page - EPCOS RM6 Datasheet HTML 4Page - EPCOS RM6 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Characteristics and ordering code
(electrical specifications at 25 °C)
Main inductance L (5-8)
10 kHz, 100 mV, short 6-7
Stray inductance Lstray (5-8)
10 kHz, 100 mV, short 1-4, 6-7
Interwinding capacitance Ci (1-6)
100 kHz, 100 mV, short 6-7
Resistance RDC (Line); RDC (IC)
RDC(Line): short 6-7; RDC(IC): –
Test voltage Vtest
50 Hz, 1 s; N1, N2 against N3
DC current IDC
With IDC bias L drops < 5%
Transmission code
2B1Q
Operating temperature range
–40 °C … +85 °C
Weight
Approx. 8 g
Ordering code
B78386P1580A005
Type/Core
RM 6
N1 : N2 : N3
1 : 1 : 1
L
14.44
±10%
mH
Lstray (typ.)
40
μH
Ci (typ.)
65
pF
RDC (Line) (typ.)
4.8
Ω
RDC (IC) (typ.)
2.4
Ω
Vtest
2000
V AC
IDC (typ.)
80
mA
B78386P1580A005
Transformers for information technology (ISDN)
RM 6
UK0 interface, 2B1Q



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com