Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4538M Datasheet (PDF) - Sanyo Semicon Device

LA4538M Datasheet PDF - Sanyo Semicon Device
Part # LA4538M
Download  LA4538M Download
File Size   73.04 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Ripple Filter-Provided Stereo Power Amp for 1.5V Headphone Stereos

LA4538M Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4538M Datasheet PDF - Sanyo Semicon Device

Part # LA4538M
Download  LA4538M Click to download

File Size   73.04 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Ripple Filter-Provided Stereo Power Amp for 1.5V Headphone Stereos

LA4538M Datasheet (HTML) - Sanyo Semicon Device


LA4538M Product details

Features

• Low current dissipation.

• Excellent reduced voltage characteristics.

• Minimum number of external parts required.

• On-chip power switch function.

• Power amplifier section

   Output power 8mW typ (VCC=1.5V, RL=16Ω, f=1kHz, THD=10%)

   Ripple rejection 46dB typ (VCC=1.0V, VR=–30dBm, fR=100Hz)

• Ripple filter section

   Ripple rejection 39dB typ (VCC=1.0V, VR=–35dBm, fR=100Hz)

   Less output voltage loss

   Pin 8 can be used to perform the muting current.



 




Similar Part No. - LA4538M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4533M SANYO-LA4533M Datasheet
72Kb / 3P
Power Amplifier for 3V Headphone Stereos
LA4534 SANYO-LA4534 Datasheet
193Kb / 8P
3V CD Headphone-stereo Power Amp
LA4534M SANYO-LA4534M Datasheet
193Kb / 8P
3V CD Headphone-stereo Power Amp
LA4535M SANYO-LA4535M Datasheet
68Kb / 3P
Power Amp For 1.5V Headphone Stereo
LA4535M SANYO-LA4535M Datasheet
173Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
More results


Similar Description - LA4538M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8159FN TOSHIBA-TA8159FN Datasheet
459Kb / 12P
1.5V STEREO HEADPHONE AMPLIFIER
logo
Rohm
BA3632K ROHM-BA3632K Datasheet
339Kb / 16P
Pre / power amplifier for 1.5V headphone stereos
logo
Sanyo Semicon Device
LA4535M SANYO-LA4535M Datasheet
68Kb / 3P
Power Amp For 1.5V Headphone Stereo
LA4537M SANYO-LA4537M Datasheet
73Kb / 3P
Power Amplifier for 1.5V Headphone Stereos?
logo
Toshiba Semiconductor
TA2123AF TOSHIBA-TA2123AF Datasheet
427Kb / 20P
1.5V Stereo Headphone Amplifier
logo
Sanyo Semicon Device
LA4535M SANYO-LA4535M_08 Datasheet
173Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
LA4537M SANYO-LA4537M_08 Datasheet
204Kb / 4P
Power Amplifier For 1.5V Headphone Stereos
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
LA4537MC SANYO-LA4537MC Datasheet
147Kb / 4P
Power Amplifier For 1.5V Headphone Stereos
logo
ON Semiconductor
LA4537MC-BH ONSEMI-LA4537MC-BH Datasheet
167Kb / 8P
Power Amplifier for 1.5V Headphone Stereos
May, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com