Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4802 Datasheet (PDF) - Sanyo Semicon Device

LA4802 Datasheet PDF - Sanyo Semicon Device
Part # LA4802
Download  LA4802 Download
File Size   87.61 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Headphone Stereo Power Amplifier

LA4802 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4802 Datasheet PDF - Sanyo Semicon Device

Part # LA4802
Download  LA4802 Click to download

File Size   87.61 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Headphone Stereo Power Amplifier

LA4802 Datasheet (HTML) - Sanyo Semicon Device


LA4802 Product details

Overview

The LA4802T is a headphone stereo power amplifier for portable CD and MD players. It features a high signal-to noise ratio, a high ripple rejection ratio, low distortion, and low current drain.



Features

• High signal-to-noise ratio (100 dB typical at 7.5 µV)

• High ripple rejection ratio (70 dB typical)

• Low current drain (950 µA typical)

• On-chip bass compensation circuit

   (Compensates for bass frequency attenuation due to the output capacitors and achieves flat frequency characteristics.)

• Ultraminiature package (MSOP-20)



Functions

• Headphone stereo power amplifier

• Power switch

• Muting switch

• Beep tone function control input pin (The beep tone function can be used regardless of whether the mute function is on or off.)



 




Similar Part No. - LA4802

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4800 SANYO-LA4800 Datasheet
192Kb / 11P
3 V Stereo Headphone Power Amplifier
LA4800V SANYO-LA4800V Datasheet
192Kb / 11P
3 V Stereo Headphone Power Amplifier
LA4801 SANYO-LA4801 Datasheet
102Kb / 10P
Headphone Stereo Power Amplifier
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
Headphone Stereo Power Amplifier
LA4805 SANYO-LA4805 Datasheet
346Kb / 17P
3V Stereo Headphone Power Amplifier
More results


Similar Description - LA4802

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
Headphone Stereo Power Amplifier
LA4805V SANYO-LA4805V Datasheet
346Kb / 17P
3V Stereo Headphone Power Amplifier
logo
Global Mixed-mode Techn...
G1401 GMT-G1401 Datasheet
211Kb / 6P
Stereo Headphone Power Amplifier
G1402 GMT-G1402 Datasheet
259Kb / 8P
Stereo Headphone Power Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
Stereo Headphone Amplifier
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
Stereo Headphone Amplifier
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com