Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4805 Datasheet (PDF) - Sanyo Semicon Device

LA4805 Datasheet PDF - Sanyo Semicon Device
Part # LA4805
Download  LA4805 Download
File Size   346.4 Kbytes
Page   17 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3V Stereo Headphone Power Amplifier

LA4805 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4805 Datasheet PDF - Sanyo Semicon Device

Part # LA4805
Download  LA4805 Click to download

File Size   346.4 Kbytes
Page   17 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3V Stereo Headphone Power Amplifier

LA4805 Datasheet (HTML) - Sanyo Semicon Device


LA4805 Product details

Overview

The LA4805V is a power IC developed for use in stereo headphones. It includes low frequency enhancement, beep function and output control circuits on-chip. Furthermore, the LA4805V realizes a high S/N ratio, a high ripple exclusion ratio, and low current drain.



Features

• Low current drain (8.3 mA typical)

• High S/N ratio (90 dB typical, 13 µV)

• High ripple exclusion ratio (75 dB typical)

• No output electrolytic capacitors required

• Ultra-miniature package (SSOP-30)



Functions

• Stereo headphone power amplifier

• Low frequency enhancement (L.BOOST)

• Beep amplifier

• Output suppression circuit (PVSS)

• Power switch

• Muting switch




Similar Part No. - LA4805

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4800 SANYO-LA4800 Datasheet
192Kb / 11P
3 V Stereo Headphone Power Amplifier
LA4800V SANYO-LA4800V Datasheet
192Kb / 11P
3 V Stereo Headphone Power Amplifier
LA4801 SANYO-LA4801 Datasheet
102Kb / 10P
Headphone Stereo Power Amplifier
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
Headphone Stereo Power Amplifier
LA4802 SANYO-LA4802 Datasheet
87Kb / 10P
Headphone Stereo Power Amplifier
More results


Similar Description - LA4805

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2002F TOSHIBA-TA2002F Datasheet
757Kb / 17P
STEREO HEADPHONE AMPLIFIER (3V USE)
TA7688F TOSHIBA-TA7688F Datasheet
446Kb / 11P
STEREO HEADPHONE AMPLIFIER (3V USE)
TA8119P TOSHIBA-TA8119P Datasheet
402Kb / 10P
STEREO HEADPHONE AMPLIFIER (3V USE)
logo
Sanyo Semicon Device
LA4534M SANYO-LA4534M Datasheet
193Kb / 8P
3V CD Headphone-stereo Power Amp
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
Headphone Stereo Power Amplifier
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
Headphone Stereo Power Amplifier
logo
Global Mixed-mode Techn...
G1401 GMT-G1401 Datasheet
211Kb / 6P
Stereo Headphone Power Amplifier
G1402 GMT-G1402 Datasheet
259Kb / 8P
Stereo Headphone Power Amplifier
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
Stereo Headphone Amplifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com