Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4800 Datasheet (PDF) - Sanyo Semicon Device

LA4800 Datasheet PDF - Sanyo Semicon Device
Part # LA4800
Download  LA4800 Download
File Size   192.23 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3 V Stereo Headphone Power Amplifier

LA4800 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4800 Datasheet PDF - Sanyo Semicon Device

Part # LA4800
Download  LA4800 Click to download

File Size   192.23 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3 V Stereo Headphone Power Amplifier

LA4800 Datasheet (HTML) - Sanyo Semicon Device


LA4800 Product details

Overview
The LA4800V is a headphone stereo power amplifier IC that features a high signal-to-noise ratio, high ripple rejection, low distortion and low current consumption, making it ideal for portable CD players.

Features
• 96 dB (typ) high S/N ratio at 7 µV
• 76 dB (typ) high ripple rejection
• 0.07% (typ) low distortion with RL = 16 Ω
• 6.2 mA (typ) low current consumption
• Outputs do not require electrolytic capacitors.
• Available in 16-pin SSOPs

Functions
• Headphone stereo power amplifier
• Beep tone
• Power switch
• Power mute switch




Similar Part No. - LA4800

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4801 SANYO-LA4801 Datasheet
102Kb / 10P
Headphone Stereo Power Amplifier
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
Headphone Stereo Power Amplifier
LA4802 SANYO-LA4802 Datasheet
87Kb / 10P
Headphone Stereo Power Amplifier
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
Headphone Stereo Power Amplifier
LA4805 SANYO-LA4805 Datasheet
346Kb / 17P
3V Stereo Headphone Power Amplifier
More results


Similar Description - LA4800

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4582CM SANYO-LA4582CM Datasheet
143Kb / 6P
Pre Power Amplifier for 3-V Headphone Stereo Systems
LA4585M SANYO-LA4585M Datasheet
131Kb / 5P
3-V Preamplifier Power Amplifier for Headphone Stereo Products
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
Headphone Stereo Power Amplifier
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
Headphone Stereo Power Amplifier
LA4805V SANYO-LA4805V Datasheet
346Kb / 17P
3V Stereo Headphone Power Amplifier
logo
Global Mixed-mode Techn...
G1401 GMT-G1401 Datasheet
211Kb / 6P
Stereo Headphone Power Amplifier
G1402 GMT-G1402 Datasheet
259Kb / 8P
Stereo Headphone Power Amplifier
logo
Toshiba Semiconductor
TA2145AFG TOSHIBA-TA2145AFG Datasheet
310Kb / 16P
3 V Stereo Headphone Amplifier (3 V USE)
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
Stereo Headphone Amplifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com