Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1981V Datasheet (PDF) - Sanyo Semicon Device

LB1981V Datasheet PDF - Sanyo Semicon Device
Part # LB1981V
Download  LB1981V Download
File Size   90.92 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Three-Phase Brushless Motor Driver

LB1981V Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1981V Datasheet PDF - Sanyo Semicon Device

Part # LB1981V
Download  LB1981V Click to download

File Size   90.92 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Three-Phase Brushless Motor Driver

LB1981V Datasheet (HTML) - Sanyo Semicon Device


LB1981V Product details

Overview
The LB1981V is a three-phase brushless motor driver especially suited for use mainly with drum motors of portable VCRs.

Features
• Three-phase full-wave drive brushless sensorless motor drive
• Soft switching drive
• Power-saving speed control function due to motor voltage
• Use with 3V power supply possible
• Output residual voltage can be set in 4 ways
• Forward/reverse switching possible
• Built-in standby function (FG and PG amplifier only remain operative)
• Built-in braking circuit
• Built-in thermal shutdown circuit
• Built-in FG and PG amplifiers
• Built-in saturation prevention amplifier and midpoint control circuit




Similar Part No. - LB1981V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1980 SANYO-LB1980 Datasheet
167Kb / 6P
3-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H Datasheet
111Kb / 7P
For VCR Capstan Motors 3-Phase Brushless Motor Driver
logo
ON Semiconductor
LB1980H ONSEMI-LB1980H Datasheet
111Kb / 7P
3-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1980H SANYO-LB1980H_07 Datasheet
111Kb / 7P
For VCR Capstan Motors 3-Phase Brushless Motor Driver
More results


Similar Description - LB1981V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
Three-Phase Brushless Motor Driver
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
Three-Phase Brushless Motor Driver
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
Three-Phase Brushless Motor Driver
September, 2013
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
Three-Phase Brushless Motor Driver
May, 2013
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
Three-Phase Brushless Motor Driver
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com