Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1981V Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1981V
Description  Three-Phase Brushless Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1981V Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1981V Datasheet HTML 1Page - Sanyo Semicon Device LB1981V Datasheet HTML 2Page - Sanyo Semicon Device LB1981V Datasheet HTML 3Page - Sanyo Semicon Device LB1981V Datasheet HTML 4Page - Sanyo Semicon Device LB1981V Datasheet HTML 5Page - Sanyo Semicon Device LB1981V Datasheet HTML 6Page - Sanyo Semicon Device LB1981V Datasheet HTML 7Page - Sanyo Semicon Device LB1981V Datasheet HTML 8Page - Sanyo Semicon Device LB1981V Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LB1981V
No. 5917-2/9
Electrical Characteristics at Ta = 25
°C, V
CC1 = 3V, VCC2 = 4.75V, VS = 3V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Power supply current
ICC1IO = 76 mA
5
7.5
mA
ICC2IO = 76 mA
1.2
2.5
mA
Output idle current
ICC10Q
VSTBY = 0V
1.0
1.5
mA
ICC20Q
VSTBY = 0V
10
µA
IS30QVSTBY = 0V
60
120
µA
Output saturation voltage, upper side 1
VOU1IO = 0.1A
0.2
0.5
V
Output saturation voltage, lower side 1
VOD1IO = 0.1A
0.2
0.5
V
Output saturation voltage, upper side 2
VOU2IO = 0.4A
0.4
0.8
V
Output saturation voltage, lower side 2
VOD2IO = 0.4A
0.4
0.8
V
COM pin common mode input voltage
VIC
0.3
VCC2–0.9
V
range
Standby pin High level voltage
VSTBYH
2VCC1V
Standby pin Low level voltage
VSTBYL
–0.2
+0.7
V
Standby pin input current
ISTBYH
VSTBY = 3V
50
µA
Standby pin leakage current
ISTBYL
VSTBY = 0V
–10
µA
FRC pin High level voltage
VFRCH
2VCC1V
FRC pin Low level voltage
VFRCL
–0.2
+0.7
V
FRC pin input current
IFRCI
VFRC = 3V
50
µA
FRC pin leakage current
IFRCL
VFRC = 0V
–10
µA
Slope pin source current ratio
RSOURCE ICSLP1 source/ICSLP2 source
–12
+12
%
Slope pin sink current ratio
RSINK
ICSLP1 sink/ICSLP2 sink
–12
+12
%
CSLP1 source - sink current ratio
RCSLP1ICSLP1 source/ICSLP1 sink
–35
+15
%
CSLP2 sink - source current ratio
RCSLP2ICSLP2 source/ICSLP2 sink
–35
+15
%
Startup frequency
Freq
COSC = 0.1 µF, OSC frequency *1
11.5
Hz
Phase delay width
Dwidth
*1
30
deg
Thermal shutdown operating
TTSD
*1
150
180
210
˚C
temperature
Thermal shutdown hysteresis
∆T
TSD
*1
15
°C
SELCSLP pin High level voltage
VSELH2
VCC
V
SELCSLP pin Low level voltage
VSELL
–0.2
+0.7
V
SELCSLP input current
ISEL HVSELCSLP = 3V
50
µA
SELCSLP pin leakage current
ISEL LVSELCSLP = 0V
–10
µA
[FG amplifier]
Input offset voltage
VIO
*1
±1
±5mV
Input bias current
IBIN–
250
nA
Common mode input voltage range
VICOM
*1
1
2
V
Open loop gain
GVFG
f = 1 kHz *1
55
dB
Input ON voltage
VOL
IO = 10 µA
0.4
V
Input OFF voltage
VOH
IO = 10 µA
VCC1–0.5
V
Schmitt amplifier hysteresis width
VSHIS
*1
20
mV
Output duty
Duty
f = 720 Hz, VIN = 20 mVp-p
30
70
%
Reference voltage
VREF
1.15
1.30
1.45
V
[PG amplifier]
Input offset voltage
VIO
*1
±1
±5mV
Input bias voltage
IBIN–
*1
250
nA
Common mode input voltage range
VICOM
*1
1
2
V
Open loop gain
GVPG
f = 1 kHz *1
55
dB
Output ON voltage
VOL
IO = 10 µA
0.4
V
Output OFF voltage
VOH
IO = 10 µA
VCC1–0.5
V
Schmitt amplifier hysteresis width
VSHIS
*1
50
mV
Allowable Operating Ranges at Ta = 25˚C
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage
VCC1
2.7 to 6.0
V
VCC2
2.7 to 10.0
V
VS
0 to VCC2V
Note: Items shown to be “*1” are not measured.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com