Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1981V Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB1981V
Description  Three-Phase Brushless Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1981V Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB1981V Datasheet HTML 1Page - Sanyo Semicon Device LB1981V Datasheet HTML 2Page - Sanyo Semicon Device LB1981V Datasheet HTML 3Page - Sanyo Semicon Device LB1981V Datasheet HTML 4Page - Sanyo Semicon Device LB1981V Datasheet HTML 5Page - Sanyo Semicon Device LB1981V Datasheet HTML 6Page - Sanyo Semicon Device LB1981V Datasheet HTML 7Page - Sanyo Semicon Device LB1981V Datasheet HTML 8Page - Sanyo Semicon Device LB1981V Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LB1981V
No. 5917-4/9
Pin Descriptions
Pin number
3
4
5
6
7
8
9
10
Pin name
STBY
SEL CSLP
FRC
VS
VCC2
VCC1
CLSP1
CLSP2
Pin voltage
VCC1 max
–0.2V min
VCC1 max
–0.2V min
VCC1 max
–0.2V min
0V to VCC2
2.7V to 10V
2.7V to 6V
Equivalent circuit
Pin function
When this pin is at 0.7V or
less or when it is open, only
the FG/PG amplifier operates.
In the motor drive state, the
pin should be at 2V or higher.
CSLP pin charge/discharge
current switching pin.
Setting this pin to 2V or higher
switches the triangular wave
slope that determines soft
switching.
Motor forward/reverse
switching pin.
Low: reverse
(–0.2V to +0.7V or open)
High: forward
(2V to VCC1)
Power supply pin for
determining output amplitude
by supplying motor voltage.
Must be lower than VCC2
voltage.
Power supply pin for supplying
source side predriver voltage
and coil waveform detect
comparator voltage.
Power supply pin for circuits
except motor voltage, source
side predriver voltage, and coil
waveform detect comparator
voltage.
Pins for connecting triangular
wave oscillator capacitor. This
triangular wave coil output
performs waveform soft
switching.
Continued on next page
3
100k
Ω
100k
Ω
VCC1
A10858
4
100k
Ω
100k
Ω
VCC1
A10859
5
50k
Ω
50k
Ω
VCC1
A10860
20
µA
9
10
4
µA20µA
8
µA
1k
Ω
VCC1
A10861



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com