Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1981V Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1981V
Description  Three-Phase Brushless Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1981V Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1981V Datasheet HTML 1Page - Sanyo Semicon Device LB1981V Datasheet HTML 2Page - Sanyo Semicon Device LB1981V Datasheet HTML 3Page - Sanyo Semicon Device LB1981V Datasheet HTML 4Page - Sanyo Semicon Device LB1981V Datasheet HTML 5Page - Sanyo Semicon Device LB1981V Datasheet HTML 6Page - Sanyo Semicon Device LB1981V Datasheet HTML 7Page - Sanyo Semicon Device LB1981V Datasheet HTML 8Page - Sanyo Semicon Device LB1981V Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LB1981V
No. 5917-1/9
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage
VCC1 max
7
V
VCC2 max
12
V
VS max
VCC2V
Applied output voltage
VO max
VS+2
V
Applied input voltage
VIN1 max Control circuits
–0.3 to VCC1+0.3
V
VIN2 max U, V, W, COM
VS+2
V
Output current
IO max
1.0
A
Allowable power dissipation
Pd max
0.5
W
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–55 to +150
°C
Monolithic Digital IC
Overview
Features
LB1981V
Three-Phase Brushless Motor Driver
Package Dimensions
unit: mm
3191-SSOP30
• Three-phase full-wave drive brushless sensorless motor
drive
• Soft switching drive
• Power-saving speed control function due to motor
voltage
• Use with 3V power supply possible
• Output residual voltage can be set in 4 ways
• Forward/reverse switching possible
• Built-in standby function (FG and PG amplifier only
remain operative)
• Built-in braking circuit
• Built-in thermal shutdown circuit
• Built-in FG and PG amplifiers
• Built-in saturation prevention amplifier and midpoint
control circuit
The LB1981V is a three-phase brushless motor driver
especially suited for use mainly with drum motors of
portable VCRs.
81299RM(KI)
Ordering number : ENN5917
[LB1981V]
115
16
0.65
9.95
30
0.22
0.43
0.15
SANYO : SSOP30
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN


Similar Part No. - LB1981V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1980 SANYO-LB1980 Datasheet
167Kb / 6P
3-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H Datasheet
111Kb / 7P
For VCR Capstan Motors 3-Phase Brushless Motor Driver
logo
ON Semiconductor
LB1980H ONSEMI-LB1980H Datasheet
111Kb / 7P
3-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1980H SANYO-LB1980H_07 Datasheet
111Kb / 7P
For VCR Capstan Motors 3-Phase Brushless Motor Driver
More results

Similar Description - LB1981V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
Three-Phase Brushless Motor Driver
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
Three-Phase Brushless Motor Driver
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
Three-Phase Brushless Motor Driver
September, 2013
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
Three-Phase Brushless Motor Driver
May, 2013
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com