Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC7470 Datasheet (PDF) - Sanyo Semicon Device

LC7470 Datasheet PDF - Sanyo Semicon Device
Part # LC7470
Download  LC7470 Download
File Size   343.24 Kbytes
Page   15 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Character and Pattern Display Control IC

LC7470 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC7470 Datasheet PDF - Sanyo Semicon Device

Part # LC7470
Download  LC7470 Click to download

File Size   343.24 Kbytes
Page   15 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Character and Pattern Display Control IC

LC7470 Datasheet (HTML) - Sanyo Semicon Device


LC7470 Product details

Overview
Character and pattern display control IC for TV screen. A character dot configuration is 12 × 18. The IC has 64 internal character ROMs and displays up to 288 characters (24 characters × 12 lines) on a TV screen. It can be controlled by a microcontroller.

Function and Applications
• Screen Display Mode: 24 characters × 12 lines
• Number of display characters: 288 characters (max.)
• Display control ROM (line ROM):
   64 lines (line control: 24-character line)
• Display RAM:
   176 characters (used for specifying variable characters)
• Character configuration:
   12 (horizontal) × 18 (vertical) dots
• Number of character types: 64 types
• Character size:
   Horizontal direction: 4, Vertical direction: 4
• Display start position:
   Horizontal direction: 64, Vertical direction: 64
• Blinking mode: Character blinking
• Display ON/OFF mode:
   ON/OFF cycle; 1.0 second and 0.5 second. Duty cycle;
   25%, 50% and 75%
• Blanking mode: Entire font area (12 × 18 dots)
• Background colors: 4 (at internal SYNC. operation mode)
• External control input: Serial data input
• Synchronous signal: Selectable: Internal and External
• Internal SYNC. separation circuit available.
• Video output: NTSC-format composite output
• Superimpose function:
   Superimposes character output on composite video
   output




Similar Part No. - LC7470

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7471 SANYO-LC7471 Datasheet
318Kb / 13P
On-screen Display Controller for NTSC-Format Video
LC74711 SANYO-LC74711 Datasheet
355Kb / 16P
Controller LSI for On-screen Displays
LC7472 SANYO-LC7472 Datasheet
263Kb / 14P
On-screen Video Display Controller for NTSC or PAL-M?
LC74721 SANYO-LC74721 Datasheet
289Kb / 15P
On-screen Video Display Controllers for NTSC or PAL-M
LC74721M SANYO-LC74721M Datasheet
289Kb / 15P
On-screen Video Display Controllers for NTSC or PAL-M
More results


Similar Description - LC7470

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M35053 MITSUBISHI-M35053 Datasheet
298Kb / 47P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
M35061 MITSUBISHI-M35061 Datasheet
273Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35062 MITSUBISHI-M35062 Datasheet
287Kb / 44P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35072 MITSUBISHI-M35072 Datasheet
245Kb / 52P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???????
logo
Panasonic Semiconductor
AN5352N PANASONIC-AN5352N Datasheet
99Kb / 3P
Character and Pattern Interface IC
logo
Renesas Technology Corp
M35012-XXXSP RENESAS-M35012-XXXSP Datasheet
1Mb / 38P
SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35047-XXXSP RENESAS-M35047-XXXSP Datasheet
520Kb / 43P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35062 RENESAS-M35062 Datasheet
489Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35074 RENESAS-M35074 Datasheet
461Kb / 44P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35076 RENESAS-M35076 Datasheet
517Kb / 46P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com