Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16C2T3 Datasheet (PDF) - Holtek Semiconductor Inc

HT16C2T3 Datasheet PDF - Holtek Semiconductor Inc
Part # HT16C2T3
Download  HT16C2T3 Download
File Size   1549.52 Kbytes
Page   13 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Operating voltage: 2V ~ 3.6V Output power up to 10dBm

HT16C2T3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT16C2T3 Datasheet PDF - Holtek Semiconductor Inc

Part # HT16C2T3
Download  HT16C2T3 Click to download

File Size   1549.52 Kbytes
Page   13 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Operating voltage: 2V ~ 3.6V Output power up to 10dBm

HT16C2T3 Datasheet (HTML) - Holtek Semiconductor Inc




Similar Part No. - HT16C2T3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16C21 HOLTEK-HT16C21 Datasheet
3Mb / 34P
RAM Mapping 20*4 / 16*8 LCD Driver Controller
November 22, 2011
HT16C22 HOLTEK-HT16C22 Datasheet
407Kb / 30P
RAM Mapping 44*4 LCD Controller Driver
May 10, 2011
HT16C23 HOLTEK-HT16C23 Datasheet
2Mb / 35P
RAM Mapping 56*4 / 52*8 LCD Driver Controller
June 21, 2011
HT16C24 HOLTEK-HT16C24 Datasheet
2Mb / 37P
RAM Mapping 72*4/68*8/60*16 LCD Driver Controller
More results


Similar Description - HT16C2T3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA723 INTERSIL-CA723 Datasheet
93Kb / 9P
Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
April 1999
logo
Harris Corporation
CA723 HARRIS-CA723 Datasheet
104Kb / 8P
Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
logo
Freescale Semiconductor...
MMA8453QT FREESCALE-MMA8453QT Datasheet
1Mb / 47P
1.95V to 3.6V supply voltage, 1.6V to 3.6V interface voltage
logo
Micrel Semiconductor
MAQRF112 MICREL-MAQRF112 Datasheet
470Kb / 15P
Automotive, 300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
logo
Lowpower Semiconductor ...
LP6250 POWER-LP6250 Datasheet
399Kb / 8P
2.1A Synchronous Current Boost DC/DC Regulator
Sep.-2010
logo
Micrel Semiconductor
MICRF112 MICREL-MICRF112_13 Datasheet
891Kb / 21P
300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
logo
RICOH electronics devic...
R1190 RICOH-R1190 Datasheet
2Mb / 27P
1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
April 1, 2012
logo
Melexis Microelectronic...
EVB90121 MELEXIS-EVB90121 Datasheet
268Kb / 8P
Output power up to 200miliwatts
logo
Maxim Integrated Produc...
MAX40025EVKIT MAXIM-MAX40025EVKIT Datasheet
495Kb / 8P
Supply Voltage 2.7V to 3.6V
319-100306; Rev 3; 5/19
logo
Nisshinbo Micro Devices...
R1190X NISSHINBO-R1190X Datasheet
2Mb / 27P
1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com