Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTR-K3JB005W-LS Datasheet (PDF) - fujitsu semiconductor

FTR-K3JB005W-LS Datasheet PDF - fujitsu semiconductor
Part # FTR-K3JB005W-LS
Download  FTR-K3JB005W-LS Download
File Size   572.14 Kbytes
Page   7 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description POWER RELAY 1 POLE - 20A Heavy Load

FTR-K3JB005W-LS Datasheet (PDF)

Go To PDF Page Download Datasheet
FTR-K3JB005W-LS Datasheet PDF - fujitsu semiconductor

Part # FTR-K3JB005W-LS
Download  FTR-K3JB005W-LS Click to download

File Size   572.14 Kbytes
Page   7 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description POWER RELAY 1 POLE - 20A Heavy Load

FTR-K3JB005W-LS Datasheet (HTML) - fujitsu semiconductor




Similar Part No. - FTR-K3JB005W-LS

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-K3JB005W FUJITSU-FTR-K3JB005W Datasheet
71Kb / 4P
POWER RELAY 20A type Relay
FTR-K3JB005W FUJITSU-FTR-K3JB005W Datasheet
686Kb / 8P
POWER RELAY 1 POLE - 20A Heavy Load
More results


Similar Description - FTR-K3JB005W-LS

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
FTR-K2G FUJITSU-FTR-K2G Datasheet
452Kb / 8P
POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
FTR-K3 FUJITSU-FTR-K3_10 Datasheet
686Kb / 8P
POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3F FUJITSU-FTR-K3F Datasheet
335Kb / 8P
POWER RELAY 1 POLE - 25A Heavy Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
POWER RELAY 1 POLE - 8A Medium Load Control
VRB-12 FUJITSU-VRB-12 Datasheet
98Kb / 5P
POWER RELAY 1 POLE-15 A (HEAVY POWER CONTROL)
VSB-12STB FUJITSU-VSB-12STB Datasheet
633Kb / 7P
POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
POWER RELAY 1 POLE - 8A Medium Load Control
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
POWER RELAY 1 POLE - 5A/10A Medium Load Control
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
POWER RELAY 1 POLE - 10A Medium Load Control
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com