Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTR-K3JB005W-LS Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # FTR-K3JB005W-LS
Description  POWER RELAY 1 POLE - 20A Heavy Load
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FTR-K3JB005W-LS Datasheet(HTML) 1 Page - fujitsu semiconductor

  FTR-K3JB005W-LS Datasheet HTML 1Page - fujitsu semiconductor FTR-K3JB005W-LS Datasheet HTML 2Page - fujitsu semiconductor FTR-K3JB005W-LS Datasheet HTML 3Page - fujitsu semiconductor FTR-K3JB005W-LS Datasheet HTML 4Page - fujitsu semiconductor FTR-K3JB005W-LS Datasheet HTML 5Page - fujitsu semiconductor FTR-K3JB005W-LS Datasheet HTML 6Page - fujitsu semiconductor FTR-K3JB005W-LS Datasheet HTML 7Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
FTR-K1 SERIES
n
FEATURES
l
SPST 20A and #250 tab terminal type is also available
l
Low coil power (780mW)
l
Type of service: continuous duty
l
Cadmium free contacts
l
SAFETY STANDARDS
UL, CSA, VDE,CQC approved
l
RoHS compliant
Please see page 6 for more information
Actual marking does not carry the type name : "FTR"
E.g.: Ordering code: FTR-K3AB012W
Actual marking: K3AB012W
POWER RELAY
1 POLE - 20A Heavy Load
FTR-K3 Series
n
PARTNUMBER INFORMATION
FTR-K3
J
B
012 W - HC
[Example]
(a)
(b)
(c)
(d)
(e)
(f )
(a)
Relay type
FTR-K3 : FTR-K3-Series
(b)
Contactconfiguration
A
:1formA(SPST-NO)(PCBterminal)
J
: 1 form A (SPST-NO) (Tab terminal)
(c)
Coil type
B
: Standard type (780mW)
(d)
Coil rated voltage
012
: 5.....48 VDC
Coil rating table at page 3
(e)
Contact material
W
: Silver alloy
(f)
Option
Nil
: Standard type (20A)
LS
: High isolation type (20A)
HC
: High current type (25A)


Similar Part No. - FTR-K3JB005W-LS

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-K3JB005W FUJITSU-FTR-K3JB005W Datasheet
71Kb / 4P
POWER RELAY 20A type Relay
FTR-K3JB005W FUJITSU-FTR-K3JB005W Datasheet
686Kb / 8P
POWER RELAY 1 POLE - 20A Heavy Load
More results

Similar Description - FTR-K3JB005W-LS

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
FTR-K2G FUJITSU-FTR-K2G Datasheet
452Kb / 8P
POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
FTR-K3 FUJITSU-FTR-K3_10 Datasheet
686Kb / 8P
POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3F FUJITSU-FTR-K3F Datasheet
335Kb / 8P
POWER RELAY 1 POLE - 25A Heavy Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
POWER RELAY 1 POLE - 8A Medium Load Control
VRB-12 FUJITSU-VRB-12 Datasheet
98Kb / 5P
POWER RELAY 1 POLE-15 A (HEAVY POWER CONTROL)
VSB-12STB FUJITSU-VSB-12STB Datasheet
633Kb / 7P
POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
POWER RELAY 1 POLE - 8A Medium Load Control
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
POWER RELAY 1 POLE - 5A/10A Medium Load Control
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
POWER RELAY 1 POLE - 10A Medium Load Control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com