Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTR-K3JB005W-LS Datasheet(PDF) 6 Page - fujitsu semiconductor

Part # FTR-K3JB005W-LS
Description  POWER RELAY 1 POLE - 20A Heavy Load
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FTR-K3JB005W-LS Datasheet(HTML) 6 Page - fujitsu semiconductor

  FTR-K3JB005W-LS Datasheet HTML 1Page - fujitsu semiconductor FTR-K3JB005W-LS Datasheet HTML 2Page - fujitsu semiconductor FTR-K3JB005W-LS Datasheet HTML 3Page - fujitsu semiconductor FTR-K3JB005W-LS Datasheet HTML 4Page - fujitsu semiconductor FTR-K3JB005W-LS Datasheet HTML 5Page - fujitsu semiconductor FTR-K3JB005W-LS Datasheet HTML 6Page - fujitsu semiconductor FTR-K3JB005W-LS Datasheet HTML 7Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
FTR-K1 SERIES
FTR-K3 SERIES
1. General Information
l
All signal and power relays produced by Fujitsu Components are compliant with RoHS directive 2002/95EC including
amendments.
l
Cadmium as used in electrical contacts is exempted from the RoHS directives on October 21st, 2005.
(Amendment to Directive 2002/95/EC)
l
All of our signal and power relays are lead-free. Please refer to Lead-Free Status Info for older date codes
at: http://www.fujitsu.com/us/downloads/MICRO/fcai/relays/lead-free-letter.pdf
l
Lead free solder plating on relay terminals is Sn-3.0Ag-0.5Cu, unless otherwise specified.
This material has been verified to be compatible with PbSn assembly process.
2. Recommended Lead Free Solder Profile
l
Recommended solder Sn-3.0Ag-0.5Cu.
RoHS Compliance and Lead Free Information
3. Moisture Sensitivity
l
Moisture Sensitivity Level standard is not applicable to through hole mounted electromechanical relays, unless
otherwise indicated.
4. Tin Whiskers
l
Dipped SnAgCu solder is known as presenting a low risk to tin whisker development. No considerable length
whisker was found by our in house test.
We highly recommend that you confirm your actual solder conditions
Flow Solder condition:
Pre-heating:
maximum120˚C
Soldering:
dip within 5 sec. at
260˚Csolderbath
Solder by Soldering Iron:
Soldering Iron
Temperature:
maximum360˚C
Duration:
maximum 3 sec.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com