Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTR-K3JB005W-LS Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # FTR-K3JB005W-LS
Description  POWER RELAY 1 POLE - 20A Heavy Load
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FTR-K3JB005W-LS Datasheet(HTML) 2 Page - fujitsu semiconductor

  FTR-K3JB005W-LS Datasheet HTML 1Page - fujitsu semiconductor FTR-K3JB005W-LS Datasheet HTML 2Page - fujitsu semiconductor FTR-K3JB005W-LS Datasheet HTML 3Page - fujitsu semiconductor FTR-K3JB005W-LS Datasheet HTML 4Page - fujitsu semiconductor FTR-K3JB005W-LS Datasheet HTML 5Page - fujitsu semiconductor FTR-K3JB005W-LS Datasheet HTML 6Page - fujitsu semiconductor FTR-K3JB005W-LS Datasheet HTML 7Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
FTR-K1 SERIES
n
SPECIFICATION
Item
FTR-K3
FTR-K3-LS
FTR-K3-HC
Contact Data Configuration
1 form A
Construction
Single
Material
Silver alloy
Resistance (initial)
Max.100mΩat1A,6VDC
Contact rating (resistive)
20A, 250VAC
20A, 250VAC
25A, 250VAC
Max. carrying current
25A
Max. switching current *¹
25A
Max. switching voltage
250VAC
Max. switching power
6,250VA
Min. switching load *²
100 mA, 5VDC
Life
Mechanical
Min. 2 x 106 operations
Electrical
Resistive load
Min. 100 x 103 operations
Motor load
Min. 200 x 103
operations
(250VAC
inrush 80A
cos
φ=0.7
cut off 20A
cos
φ=0.9)
Min. 200 x 103
operations
(250VAC
inrush 80A
cos
φ=0.7
cut off 20A
cos
φ=0.9)
Min. 200 x 103
operations
(250VAC
inrush 80A
cos
φ=0.7
cut off 25A
cos
φ=0.9)
Inverter load
Min. 30 x 103 operations
100VAC, inrush 200A / cut off 20A
Coil Data
Rated power (at 20 °C)
780 mW
Operate power (at 20 °C)
380 mW
Operating temperature range
-40 °C to +60 °C (no frost)
Timing Data
Operate (at nominal voltage)
Max. 20ms (without bounce)
Release (at nominal voltage)
Max. 10ms (no diode, without bounce)
Insulation
Resistance
Min.1,000MΩat500VDC
Dielectric strength
Open contacts
1,000VAC (50/60Hz) 1min
Contacts to coil
5,000VAC (50/60Hz) 1min
Surge strength
Coil to contacts
8,500V / 1.2 x 50µs standard wave
Clearance/creepage distance
6.4mm / 9.5mm
8.0mm / 9.5mm
6.4mm / 9.5mm
Other
Vibration resistance
Misoperation
10 to 55Hz double amplitude 1.5 mm
Endurance
10 to 55Hz double amplitude 1.5 mm
Shock
Misoperation
Min. 200m/s² (11 ± 1ms)
Endurance
Min. 1,000m/s² (6 ± 1ms)
Weight
Approximately 25 g
Sealing
Flux proof, RTII
* 1 Need to consider the heat from PCB when max. current is more than 10A
*2Minimumswitchingloadsmentionedabovearereferencevalues.Pleaseperformtheconfirmationtestwithactual
load before production since reference values may vary according to switching frequencies, environmental conditions
and expected reliability levels.
FTR-K3 SERIES



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com