Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4MBX8 Datasheet (PDF) - Sharp Corporation

4MBX8 Datasheet PDF - Sharp Corporation
Part # 4MBX8
Download  4MBX8 Download
File Size   4063.89 Kbytes
Page   49 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 32-MBIT(4MBx8/2MBx16) Smart 5 Flash MEMORY

4MBX8 Datasheet (PDF)

Go To PDF Page Download Datasheet
4MBX8 Datasheet PDF - Sharp Corporation

Part # 4MBX8
Download  4MBX8 Click to download

File Size   4063.89 Kbytes
Page   49 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 32-MBIT(4MBx8/2MBx16) Smart 5 Flash MEMORY

4MBX8 Datasheet (HTML) - Sharp Corporation


4MBX8 Product details

INTRODUCTION
This datasheet contains LH28F320S5-L90/12 specifications. Section 1 provides a flash memory overview. Section 2, 3, 4 and 5 describe the memory organization and functionality. Section 6 covers electrical specifications.

Product Overview
The LH28F320S5-L90/12 is a high-performance 32-Mbit Smart 5 Flash memory organized as 4MBx8/2MBx16. The 4MB of data is arranged in sixty-four 64-Kbyte blocks which are individually erasable, lockable, and unlockable in-system. The memory map is shown in Figure 4.




Similar Part No. - 4MBX8

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
4MBI100T-060 FUJI-4MBI100T-060 Datasheet
520Kb / 14P
4MBI100T-060
4MBI150T-060 FUJI-4MBI150T-060 Datasheet
634Kb / 14P
IGBT Module
4MBI200T-060 FUJI-4MBI200T-060 Datasheet
646Kb / 14P
IGBT Module
4MBI300VG-120R-50 FUJI-4MBI300VG-120R-50 Datasheet
658Kb / 11P
IGBT MODULE (V series) 1200V / 300A / IGBT, 600V/300A/RB-IGBT, 4 in one package
4MBI400VG-060R-50 FUJI-4MBI400VG-060R-50 Datasheet
636Kb / 10P
IGBT MODULE (V series) 600V / 400A / IGBT, RB-IGBT 4 in one package
More results


Similar Description - 4MBX8

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F160S3 SHARP-LH28F160S3 Datasheet
4Mb / 51P
16-MBIT(2MBx8/1MBx16) Smart 3 Flash MEMORY
LH28F160S5 SHARP-LH28F160S5 Datasheet
4Mb / 51P
16-MBIT(2MBx8/MBx16)Smart 5 Flash MEMORY
LH28F320S3 SHARP-LH28F320S3 Datasheet
4Mb / 50P
32-MBIT(4MBx8/2MBx16)Smart 3 Flash MEMORY
logo
Intel Corporation
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
28F320B3 INTEL-28F320B3 Datasheet
304Kb / 48P
SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
logo
ATMEL Corporation
AT52BC3221A ATMEL-AT52BC3221A Datasheet
511Kb / 35P
32-Mbit Flash 8-Mbit PSRAM Stack Memory
logo
Eon Silicon Solution In...
EN25P32 EON-EN25P32 Datasheet
452Kb / 34P
32 Mbit Uniform Sector, Serial Flash Memory
logo
Numonyx B.V
M29W320DT NUMONYX-M29W320DT Datasheet
1Mb / 56P
32 Mbit (4Mbx8 or 2Mbx16, Non-uniform Parameter Blocks, Boot Block), 3V Supply Flash memory
M29W320ET NUMONYX-M29W320ET Datasheet
1Mb / 63P
32 Mbit (4Mbx8 or 2Mbx16, Uniform Parameter Blocks, Boot Block) 3V supply Flash memory
logo
Cypress Semiconductor
S25FL032P CYPRESS-S25FL032P Datasheet
2Mb / 60P
32-Mbit 3.0 V Flash Memory
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com