Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ05RG1 Datasheet (PDF) - Sharp Corporation

PQ05RG1 Datasheet PDF - Sharp Corporation
Part # PQ05RG1
Download  PQ05RG1 Download
File Size   46.64 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Low Power-Loss Voltage RegulatorsBuilt-in Reverse Voltage Protection Function Between Input and Output

PQ05RG1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PQ05RG1 Datasheet PDF - Sharp Corporation

Part # PQ05RG1
Download  PQ05RG1 Click to download

File Size   46.64 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Low Power-Loss Voltage RegulatorsBuilt-in Reverse Voltage Protection Function Between Input and Output

PQ05RG1 Datasheet (HTML) - Sharp Corporation


PQ05RG1 Product details

Low Power-Loss Voltage Regulators(Built-in Reverse Voltage Protection Function Between Input and Output)



■Features

Low power-loss (Dropout voltage : MAX. 0.5V)

Compact resin full-mold package

Built-in a function to prevent reverse voltage between input and output

The diode to prevent reverse voltage between input and output is not necessary. (VO-i=<15V)

Built-in ON/OFF control function




Similar Part No. - PQ05RG1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PQ05R01 ETC1-PQ05R01 Datasheet
245Kb / 2P
MULTI-FUNCTIONAL REGULATOR MODULE
PQ05R02 ETC1-PQ05R02 Datasheet
245Kb / 2P
MULTI-FUNCTIONAL REGULATOR MODULE
PQ05R03 ETC1-PQ05R03 Datasheet
245Kb / 2P
MULTI-FUNCTIONAL REGULATOR MODULE
PQ05R04 ETC1-PQ05R04 Datasheet
245Kb / 2P
MULTI-FUNCTIONAL REGULATOR MODULE
PQ05R041 ETC1-PQ05R041 Datasheet
245Kb / 2P
MULTI-FUNCTIONAL REGULATOR MODULE
More results


Similar Description - PQ05RG1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05RB11 SHARP-PQ05RB11 Datasheet
33Kb / 4P
Low Power-Loss Voltage Regulators (Built-in Overheat Shut-Down Function)
PQ05RR1 SHARP-PQ05RR1 Datasheet
45Kb / 5P
1A Output, Low Power-Loss Voltage Regulators(Built-in Reset Signal Generating Function)
PQ05RR12 SHARP-PQ05RR12 Datasheet
39Kb / 5P
1A Output, Low Power-Loss Voltage Regulators(Built-in Reset Signal Generating Function)
PQ05SZ5 SHARP-PQ05SZ5 Datasheet
53Kb / 7P
Low Power-Loss Voltage Regulators (Built-in Reverse Voltage Protection Function)
PQ30VB11 SHARP-PQ30VB11 Datasheet
35Kb / 4P
Variable Output Low Power-Loss Voltage Regulator(Built-in Overheat Shut-Down Function)
PQ070VK01FZH SHARP-PQ070VK01FZH Datasheet
410Kb / 6P
Variable Output, Low Power-Loss Voltage Regulators with Output ON/OFF Control Function
PQ150VB01FZ SHARP-PQ150VB01FZ Datasheet
85Kb / 7P
Variable Output Low Power-Loss Voltage Regulator (Built-in Overheart Shutdown function, Output ON/OFF control function)
logo
ISOCOM COMPONENTS
IS281-4GB ISOCOM-IS281-4GB Datasheet
258Kb / 10P
Current transfer ratio, Isolation voltage between input and output
logo
STMicroelectronics
EVAL-VNH5019-P2 STMICROELECTRONICS-EVAL-VNH5019-P2 Datasheet
88Kb / 3P
Reverse-voltage protection
05-Jun-2014
logo
First Silicon Co., Ltd
JC357 FS-JC357 Datasheet
572Kb / 6P
High isolation voltage between input and output
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com