Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S101S15V Datasheet (PDF) - Sharp Corporation

S101S15V Datasheet PDF - Sharp Corporation
Part # S101S15V
Download  S101S15V Download
File Size   58.18 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description SIP Type SSR with Built-in Snubber Circuit

S101S15V Datasheet (PDF)

Go To PDF Page Download Datasheet
S101S15V Datasheet PDF - Sharp Corporation

Part # S101S15V
Download  S101S15V Click to download

File Size   58.18 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description SIP Type SSR with Built-in Snubber Circuit

S101S15V Datasheet (HTML) - Sharp Corporation


S101S15V Product details

■ Features
1. High radiation resin mold package
   IT : MAX. 3A rms
2. Isolation voltage between input and output
   Viso: 3 000 Vrms
3. Built-in zero-cross circuit
   (S101S16V/ S201S16V)
4. Built-in snubber circuit
5. Recognized by UL, file No. E94758
   Approved by CSA, file No. LR63705
  
■ Applications
1. Air conditioners
2. OA equipment




Similar Part No. - S101S15V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S101S05V SHARP-S101S05V Datasheet
60Kb / 4P
SIP Type SSR with Mounting Capability for External Heat Sink
S101S06F SHARP-S101S06F Datasheet
244Kb / 13P
Non-zero cross type is also available. (S101S05V Series)
S101S06V SHARP-S101S06V Datasheet
60Kb / 4P
SIP Type SSR with Mounting Capability for External Heat Sink
S101S06V SHARP-S101S06V Datasheet
244Kb / 13P
IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
S101S06V SHARP-S101S06V Datasheet
244Kb / 13P
Non-zero cross type is also available. (S101S05V Series)
More results


Similar Description - S101S15V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S101S05V SHARP-S101S05V Datasheet
60Kb / 4P
SIP Type SSR with Mounting Capability for External Heat Sink
S102S01 SHARP-S102S01 Datasheet
57Kb / 4P
SIP Type SSR for Medium Power Control
S102S03 SHARP-S102S03 Datasheet
56Kb / 4P
SIP Type SSR with Mounting Capability for External Heat Sink
S102S11 SHARP-S102S11 Datasheet
58Kb / 4P
SIP Type SSR with Snubber Circuit and Mouning Capability for External Heat Sink
S112S01 SHARP-S112S01 Datasheet
69Kb / 5P
SIP Type SSR for Medium Power Control
S202SE1 SHARP-S202SE1 Datasheet
64Kb / 4P
SIP Type SSR for Medium Power Control
S101N11 SHARP-S101N11 Datasheet
59Kb / 4P
Voltage Input Type Solid State Relay with Built-in Snubber Circuit
logo
Crydom Inc.,
CN024D05 CRYDOM-CN024D05 Datasheet
755Kb / 6P
5mm Mini SIP SSR
logo
Sharp Corporation
S202S12F SHARP-S202S12F Datasheet
250Kb / 13P
IT(rms)??A, Built-in snubber circuit Zero Cross type SIP 4pin Triac output SSR
S202S11F SHARP-S202S11F Datasheet
249Kb / 13P
Built-in snubber circuit Non-Zero Cross type SIP 4pin Triac output SSR
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com