Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S102S11 Datasheet (PDF) - Sharp Corporation

S102S11 Datasheet PDF - Sharp Corporation
Part # S102S11
Download  S102S11 Download
File Size   58.13 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description SIP Type SSR with Snubber Circuit and Mouning Capability for External Heat Sink

S102S11 Datasheet (PDF)

Go To PDF Page Download Datasheet
S102S11 Datasheet PDF - Sharp Corporation

Part # S102S11
Download  S102S11 Click to download

File Size   58.13 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description SIP Type SSR with Snubber Circuit and Mouning Capability for External Heat Sink

S102S11 Datasheet (HTML) - Sharp Corporation


S102S11 Product details

■ Description
S102S11 Series and S202S11 Series Solid State Relays (SSR) are an integration of an infrared emitting diode (IRED), a Phototriac Detector and a main output Triac. These devices are ideally suited for controlling high voltage AC loads with solid state reliability while providing 4.0kV isolation (Viso(rms)) from input to output.

■ Features
1. Output current, IT(rms)≤8.0A
2. Non-zero crossing functionary
3. 4 pin SIP package
4. High repetitive peak off-state voltage
   (VDRM : 600V, S202S11 Series)
   (VDRM : 400V, S102S11 Series)
5. Built-in snubber circuit
6. High isolation voltage between input and output
   (Viso(rms) : 4.0kV)
7. Lead-free terminal components are also available
   (see Model Line-up section in this datasheet)
8. Screw hole for heat sink

■ Applications
1. Isolated interface between high voltage AC devices
   and lower voltage DC control circuitry.
2. Switching motors, fans, heaters, solenoids, and
   valves.
3. Phase or power control in applications such as
   lighting and temperature control equipment.




Similar Part No. - S102S11

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S102S11 SHARP-S102S11 Datasheet
249Kb / 13P
Built-in snubber circuit Non-Zero Cross type SIP 4pin Triac output SSR
More results


Similar Description - S102S11

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S101S05V SHARP-S101S05V Datasheet
60Kb / 4P
SIP Type SSR with Mounting Capability for External Heat Sink
S101S15V SHARP-S101S15V Datasheet
58Kb / 4P
SIP Type SSR with Built-in Snubber Circuit
S102S01 SHARP-S102S01 Datasheet
57Kb / 4P
SIP Type SSR for Medium Power Control
S102S03 SHARP-S102S03 Datasheet
56Kb / 4P
SIP Type SSR with Mounting Capability for External Heat Sink
S112S01 SHARP-S112S01 Datasheet
69Kb / 5P
SIP Type SSR for Medium Power Control
S202SE1 SHARP-S202SE1 Datasheet
64Kb / 4P
SIP Type SSR for Medium Power Control
logo
Crydom Inc.,
PF240D25 CRYDOM-PF240D25 Datasheet
523Kb / 4P
SIP SSR SCR output for heavy industrial loads
CN024D05 CRYDOM-CN024D05 Datasheet
755Kb / 6P
5mm Mini SIP SSR
logo
Sharp Corporation
S202S12F SHARP-S202S12F Datasheet
250Kb / 13P
IT(rms)??A, Built-in snubber circuit Zero Cross type SIP 4pin Triac output SSR
S202S11F SHARP-S202S11F Datasheet
249Kb / 13P
Built-in snubber circuit Non-Zero Cross type SIP 4pin Triac output SSR
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com