Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1532 Datasheet (PDF) - Integrated Device Technology

ICS1532 Datasheet PDF - Integrated Device Technology
Part # ICS1532
Download  ICS1532 Download
File Size   318.16 Kbytes
Page   36 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR

ICS1532 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS1532 Datasheet PDF - Integrated Device Technology

Part # ICS1532
Download  ICS1532 Click to download

File Size   318.16 Kbytes
Page   36 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR

ICS1532 Datasheet (HTML) - Integrated Device Technology


ICS1532 Product details

General Description
The ICS1532 is a high-performance, cost-effective, 3-channel, 8-bit analog-to-digital converter with an integrated line-locked clock generator. They are part of a family of chips for high-resolution video applications that use analog inputs, such as LCD monitors, projectors, plasma displays, and HDTVs. Using low-voltage CMOS mixed-signal technology, they are an effective data-capture solution for VGA to UXGA.

Features
• Triple 8-bit analog-to-digital conversion
• 10 to 110 MHz operation
• Direct connection to analog input data
    — Internal AC coupling capacitors
• Internal camp circuit and external clamp inputs
• Optional External Phase Detector Enable input
    — COAST
• Uses 3.3 and 2.5 VDC
    — 5 V tolerant digital inputs
• Integrated Amplifier with Adjustable Gain and Offset
• Dynamic Phase Adjust (DPA)
    — Software adjustable analog sample point
• Low jitter
• Two additional PLLs
    — Programmable spread spectrum
• Automatic Power-On Reset Detection
• Standard I2C 2-wire serial interface
    — Two address sets available via external pin
• Lock detection in both hardware and software
• 144-pin low-profile quad flat pack (LQFP) package




Similar Part No. - ICS1532

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1531 ICST-ICS1531 Datasheet
529Kb / 76P
Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
Rev N 12/1/99
More results


Similar Description - ICS1532

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1531 ICST-ICS1531 Datasheet
529Kb / 76P
Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
Rev N 12/1/99
logo
NXP Semiconductors
TDA8757 PHILIPS-TDA8757 Datasheet
895Kb / 37P
Triple 8-bit ADC 170 Msps
Rev. 07-28 February 2002
logo
Integrated Device Techn...
IDT5V928 IDT-IDT5V928 Datasheet
48Kb / 6P
8 OUTPUT CLOCK GENERATOR
logo
Wolfson Microelectronic...
WM8951L WOLFSON-WM8951L Datasheet
499Kb / 42P
STEREO ADC WITH MICROPHONE INPUT AND CLOCK GENERATOR
logo
Motorola, Inc
MC44250 MOTOROLA-MC44250 Datasheet
1Mb / 17P
Triple 8-Bit Video ADC
logo
AverLogic Technologies ...
AL875 AVERLOGIC-AL875 Datasheet
41Kb / 2P
High Speed Triple 8-bit ADC
logo
Wolfson Microelectronic...
WM8951L WOLFSON-WM8951L_07 Datasheet
595Kb / 42P
Stereo ADC with Microphone Input and Clock Generator
logo
Motorola, Inc
MC44251 MOTOROLA-MC44251 Datasheet
276Kb / 18P
Triple 8-Bit Video ADC Three-State Outputs
logo
List of Unclassifed Man...
W55AD808 ETC2-W55AD808 Datasheet
499Kb / 6P
8-bit ADC with 8 input channels
logo
Cypress Semiconductor
CY2VC511 CYPRESS-CY2VC511 Datasheet
225Kb / 7P
27 MHz Clock Generator with VCXO
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com