Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1531 Datasheet (PDF) - Integrated Circuit Systems

ICS1531 Datasheet PDF - Integrated Circuit Systems
Part # ICS1531
Download  ICS1531 Download
File Size   529.98 Kbytes
Page   76 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator

ICS1531 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS1531 Datasheet PDF - Integrated Circuit Systems

Part # ICS1531
Download  ICS1531 Click to download

File Size   529.98 Kbytes
Page   76 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator

ICS1531 Datasheet (HTML) - Integrated Circuit Systems


ICS1531 Product details

General Description
The ICS1531 is a high-performance, cost-effective, 3-channel, 8-bit analog-to-digital converter with an integrated line-locked clock generator. It is part of a family of chips intended for high-resolution video applications that use analog inputs, such as LCD monitors, LCD projectors, plasma displays, and projection TVs. Using ICSs low-voltage CMOS mixed-signal technology, the ICS1531 is an effective data-capture solution for resolutions from VGA to UXGA.

Features
• 3-channel 8-bit analog-to-digital conversion up to 165 MHz
• Direct connection to analog input data (no external pre-amplifier circuit needed)
• Video amplifier: 500-MHz analog bandwidth, software-adjustable gain
• Dynamic Phase Adjust (DPA) for software-adjustable analog sample points
• Software selectable: One pixel per clock (for 24-bit pixels) or two pixels per clock (for a total of 48 bits)
• Internal clamp circuit. Very low jitter.
• Low-voltage TTL clock outputs, synchronized with digital pixel data outputs
• Independent software reset for PLLs and DPA
• Double-buffered PLL and DPA control registers
• Two additional PLLs with spread spectrum for memory and panel clock
• External/internal loop-filter selection with software
• Automatic Power-On Reset (POR) detection
• Uses 3.3 VDC. Digital inputs are 5-V tolerant.
• Industry-standard 2-wire serial bus interface speeds: low (100 kHz), high (400 kHz), or ultra (800 kHz)
• Lock detection available in hardware and software
• 144-pin low-profile quad flat pack (LQFP) package

Applications
• LCD displays, LCD projectors, plasma displays, and projection TVs




Similar Part No. - ICS1531

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS1532 IDT-ICS1532 Datasheet
318Kb / 36P
110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
More results


Similar Description - ICS1531

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9483 AD-AD9483 Datasheet
319Kb / 26P
Triple 8-Bit, 140 MSPS A/D Converter
REV.A
logo
Fairchild Semiconductor
TMC3503 FAIRCHILD-TMC3503 Datasheet
69Kb / 14P
Triple Video D/A Converter 8 bit, 80 Msps, 5V
TMC3533 FAIRCHILD-TMC3533 Datasheet
68Kb / 12P
Triple Video D/A Converter 8 bit, 80 Msps, 3.3V
logo
Integrated Circuit Syst...
ICS1522 ICST-ICS1522 Datasheet
366Kb / 13P
User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator
RevF050697
logo
Intersil Corporation
HI2303 INTERSIL-HI2303 Datasheet
162Kb / 18P
Triple 8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
December 1998
logo
Cadeka Microcircuits LL...
TMC3503 CADEKA-TMC3503 Datasheet
171Kb / 14P
Triple Video D/A Converter 8 bit, 80 Msps, 5V
logo
Integrated Device Techn...
ICS1532 IDT-ICS1532 Datasheet
318Kb / 36P
110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
logo
Analog Devices
AD9483 AD-AD9483_15 Datasheet
398Kb / 28P
Triple 8-Bit, 140 MSPS A/D Converter
REV. C
AD9713B AD-AD9713B_15 Datasheet
333Kb / 12P
12-Bit, 100 MSPS D/A Converters
REV. B
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com