Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1531 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 5Page - Integrated Circuit Systems ICS1531 Datasheet HTML 6Page - Integrated Circuit Systems ICS1531 Datasheet HTML 7Page - Integrated Circuit Systems ICS1531 Datasheet HTML 8Page - Integrated Circuit Systems ICS1531 Datasheet HTML 9Page - Integrated Circuit Systems ICS1531 Datasheet HTML 10Page - Integrated Circuit Systems ICS1531 Datasheet HTML 11Page - Integrated Circuit Systems ICS1531 Datasheet HTML 12Page - Integrated Circuit Systems ICS1531 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
Chapter 3
Pin Diagram and Listings
ICS1531 Rev N 12/1/99
December, 1999
9
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
ICS1531 Data Sheet - Preliminary
Chapter 3
Pin Diagram and Listings
3.1
Pin Diagram for ICS1531
Figure 3-1 shows the pin diagram for the ICS1531, which is packaged in a 144-pin low-profile quad flat
pack (LQFP).
Figure 3-1.
Pin Diagram
VD DXT L
10 8
XO U T
10 7
XIN
106
VSSXT L
10 5
PN LCL K
104
VD DPC LK
103
VSSPC LK
10 2
M C LK
10 1
VD DM C LK
10 0
VSSM CLK
9 9
NC
98
NC
97
VSSAAD C
9 6
RA0
95
RA1
94
RA2
93
RA3
92
RA4
91
RA5
90
VD DQ AD C
89
VSSQ AD C
88
RA6
87
RA7
86
RB0
85
RB1
84
RB2
83
RB3
82
VD DQ AD C
81
VSSQ AD C
80
RB4
79
RB5
78
RB6
77
RB7
76
GA0
75
GA1
74
VD DQ AD C
73
1
VSS
2
T RESE T
3
VSS
4N C
5
VSS
6
H SYNC
7
VSSSU B
8
PSEL 1
9
PSEL 2
10
PS EL3
11
N C
12
VS S(T EST )
13
VS SSUB
14
R eserved
15
AR ED
16
VRT R
17
VR B
18
N C
19
AG R N
20
VRT G
21
R eserved
22
AB LUE
23
VRT B
24
VD DA ADC
25
VS SAADC
26
VS SAADC
27
VD DA ADC
28
C LAM P
29
VD DQ AD C
30
BB 7
31
BB 6
32
BB 5
33
BB 4
34
BB 3
35
BB 2
36
VS SQ ADC
ICS1531



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com