Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1531 Datasheet(PDF) 57 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 57 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 53Page - Integrated Circuit Systems ICS1531 Datasheet HTML 54Page - Integrated Circuit Systems ICS1531 Datasheet HTML 55Page - Integrated Circuit Systems ICS1531 Datasheet HTML 56Page - Integrated Circuit Systems ICS1531 Datasheet HTML 57Page - Integrated Circuit Systems ICS1531 Datasheet HTML 58Page - Integrated Circuit Systems ICS1531 Datasheet HTML 59Page - Integrated Circuit Systems ICS1531 Datasheet HTML 60Page - Integrated Circuit Systems ICS1531 Datasheet HTML 61Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 76 page
background image
Chapter 7
Programming
ICS1531 Rev N 12/1/99
December, 1999
57
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
ICS1531 Data Sheet - Preliminary
7.3.2
Programming Flow for Modifying Settings for Spread Spectrum
Figure 7-4.
ICS1531 Flow for PNLCLK and MCLK PLL Spread-Spectrum Settings
Set M, N, PFD Gain,
and Output Scaler
Change
PLL Freq.
?
No
Yes
Disable Spread
Spectrum Mode
PNLCLK Reg 25:1 = 0
MCLK Reg 2B:1 = 0
PNLCLK Regs 20, 21, 24
MCLK Regs 26, 27, 2A
Wait ~ 1ms
Done
PNLCLK and MCLK
Reg 2D
Yes
No
PLL Software
Reset
Change
Spread
Spectrum
Mode?
Yes
No
Enable Spread Spectrum Mode
PNLCLK Regs 22, 23, 24
MCLK Regs 28, 29, 2A
PNLCLK Reg 25:1 = 1
MCLK Reg 2B:1 = 1
Set Spread Sepctrum
Counter and Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com