Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1531 Datasheet(PDF) 67 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 67 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 63Page - Integrated Circuit Systems ICS1531 Datasheet HTML 64Page - Integrated Circuit Systems ICS1531 Datasheet HTML 65Page - Integrated Circuit Systems ICS1531 Datasheet HTML 66Page - Integrated Circuit Systems ICS1531 Datasheet HTML 67Page - Integrated Circuit Systems ICS1531 Datasheet HTML 68Page - Integrated Circuit Systems ICS1531 Datasheet HTML 69Page - Integrated Circuit Systems ICS1531 Datasheet HTML 70Page - Integrated Circuit Systems ICS1531 Datasheet HTML 71Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 76 page
background image
Chapter 10
Timing Diagrams
ICS1531 Rev N 12/1/99
December, 1999
67
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
ICS1531 Data Sheet - Preliminary
10.3
AC Timing Diagrams
10.3.1
Phase-Locked-Loop Timing for Digital Setup and Hold
The input HSYNC signal is used to generate the REF output signal. In the Phase/Frequency Detector, the
REF signal is compared with ADCSYNC (which provides the recovered HSYNC signal). Table 10-3 gives
the timing for these signals, and Figure 10-5 shows timing characteristics.
Figure 10-5.
Timing for Phase-Locked Loop
Table 10-3.
Phase-Locked-Loop Timing
Time
Period
Timing Description
Min
Typ
Max
Units
t1
Input HSYNC Rise Time to
REF Rise Time
TBD
7
TBD
ns
Tp
Clock Period
ns
Td
Clock Duty Cycle
45-55
50-50
55-45
%
t2
ADCSYNC Active Time
4
× Tp
ns
Tp
Input HSYNC Frequency
Result from:
Section 6.5.3, “Register 02h:
Fdbk Div 0 Register” and
Section 6.5.4, “Register 03h:
Fdbk Div 1 Register”
=
Tp
t1
HSYNC
CLK
ADCSYNC
t2
Td
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com