Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1531 Datasheet(PDF) 64 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 64 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 60Page - Integrated Circuit Systems ICS1531 Datasheet HTML 61Page - Integrated Circuit Systems ICS1531 Datasheet HTML 62Page - Integrated Circuit Systems ICS1531 Datasheet HTML 63Page - Integrated Circuit Systems ICS1531 Datasheet HTML 64Page - Integrated Circuit Systems ICS1531 Datasheet HTML 65Page - Integrated Circuit Systems ICS1531 Datasheet HTML 66Page - Integrated Circuit Systems ICS1531 Datasheet HTML 67Page - Integrated Circuit Systems ICS1531 Datasheet HTML 68Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 76 page
background image
ICS1531 Rev N 12/1/99
December, 1999
64
Chapter 10
Timing Diagrams
ICS1531 Data Sheet - Preliminary
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
10.1.2
Transfer of Data Bytes
Table 10-1 lists significant time periods for signals on SDA and SCL pins during the transfer of data bytes.
Figure 10-2 shows how bits are transferred on an industry-standard 2-wire serial bus.
• For start and stop conditions, see Section 10.1.1, “Start and Stop Conditions”.
• When there is a transfer of valid data (t1), the bits that transfer are Bits 7 through 0.
– These first 8 bits are either data or address bits that are output sequentially.
– Bit 7, the most-significant bit of these 8 bits, is output first.
– Bit 0, the least-significant bit of these 8 bits, is output last.
• After each bit transfer, a change of data occurs (t2).
• For details on the ACK signal, see Chapter 10.1.3, “Acknowledge Conditions”.
Figure 10-2.
Byte Transfer on Industry-Standard 2-Wire Serial Bus
Table 10-1.
ICS1531 Byte Transfer
Time Period
Parameter
Conditions
Min.
Typ.
Max.
Units
t1
Data Held Valid
–
2.5
–10
µs
t2
Change of Data Allowed
–
2.5
–10
µs
Bit 7
(MSB)
Bit 6
t1
Bit 1
t2
ACK
Bit 0
(LSB)
Clock from
Master Device
Data Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com