Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1531 Datasheet(PDF) 32 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 32 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 28Page - Integrated Circuit Systems ICS1531 Datasheet HTML 29Page - Integrated Circuit Systems ICS1531 Datasheet HTML 30Page - Integrated Circuit Systems ICS1531 Datasheet HTML 31Page - Integrated Circuit Systems ICS1531 Datasheet HTML 32Page - Integrated Circuit Systems ICS1531 Datasheet HTML 33Page - Integrated Circuit Systems ICS1531 Datasheet HTML 34Page - Integrated Circuit Systems ICS1531 Datasheet HTML 35Page - Integrated Circuit Systems ICS1531 Datasheet HTML 36Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
ICS1531 Rev N 12/1/99
December, 1999
32
Chapter 6
Register Set
ICS1531 Data Sheet - Preliminary
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
6.5.6
Register 05h: DPA Control
The DPA Control (Dynamic Phase Adjust Control) Register is used to select the resolution of the Dynamic
Phase Adjust circuitry, used to adjust the pixel clock on a sub-pixel basis.
Table 6-8.
DPA Control Register
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set
05:7-
05:2
Reserved
Reserved.
• See Section 6.1, “Reserved Bits”.
• These bits can be programmed to ‘0’.
––
–
05:1-
05:0
DPA_Res [1-0]
Dynamic Phase Adjust Resolution [1-0].
These bits select the resolution of (that is, the number of delay
element units) for the Dynamic Phase Adjust Offset of Reg
04:5-0.
Table 6-9 lists, for the Reg 05 bit settings:
1. The resulting (decimal) number of delay element units
• 0 = The resolution is for 16 delay element units.
• 1 = The resolution is for 32 delay element units.
•2 = Reserved.
• 3 = The resolution is for 64 delay element units.
2. The corresponding maximum values for Reg 04 DPA offset
3. The corresponding pixel clock output frequency ranges.
Important: (ICS does not recommend using the DPA above
260 MHz.)
R/W
D-DPA
0
Table 6-9.
DPA Control
Reg 05:1-0
(1) Number of Delay
Element Units
(Decimal)
(2) Reg 04:5-0
Max. Value
(Hex)
(3) Pixel Clock Range
(MHz)
Bit 1
Bit 0
0
0
16
0F
55
260
0
1
32
1F
27
130
1
0
Reserved
Reserved
1
1
64
3F
14
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com