Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1531 Datasheet(PDF) 71 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 71 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 67Page - Integrated Circuit Systems ICS1531 Datasheet HTML 68Page - Integrated Circuit Systems ICS1531 Datasheet HTML 69Page - Integrated Circuit Systems ICS1531 Datasheet HTML 70Page - Integrated Circuit Systems ICS1531 Datasheet HTML 71Page - Integrated Circuit Systems ICS1531 Datasheet HTML 72Page - Integrated Circuit Systems ICS1531 Datasheet HTML 73Page - Integrated Circuit Systems ICS1531 Datasheet HTML 74Page - Integrated Circuit Systems ICS1531 Datasheet HTML 75Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 76 page
background image
Chapter 12
Package Dimensions
ICS1531 Rev N 12/1/99
December, 1999
71
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
ICS1531 Data Sheet - Preliminary
Chapter 12
Package Dimensions
This section gives the physical dimensions for the package for the ICS1531, which is a 144-pin LQFP.
• The lead count (N) for the package is 144 leads.
• The nominal footprint (that is the body) for the package is 20 mm
× 20 mm × 1.4 mm.
Note:
1.
For full mechanical specifications, see JEDEC drawing number MS-026 Rev A.
2.
Table 12-1 lists the ICS1531 physical dimensions. These dimensions are:
a. For planning purposes only.
b. Subject to change.
c. Shown in Figure 12-1.
Table 12-1.
Physical Dimensions for ICS1531
Symbol
Description
Min.
Nominal
Max.
Unit
A
Full Package Height
–
–
1.60
mm
A1
Package Body Standoff
0.05
–
0.15
mm
A2
Package Body Thickness
1.35
1.40
1.45
mm
b
Lead Width
0.17
0.22
0.27
mm
c
Lead Thickness
0.09
–
0.20
mm
D
Tip-to-Tip Dimension
21.8
22.0
22.2
mm
D1
Package Body Dimension
19.9
20.0
20.1
mm
e
Lead Pitch
–
0.50
–
mm
E
Tip-to-Tip Dimension
21.8
22.0
22.2
mm
E1
Package Body Dimension
19.9
20.0
20.1
mm
L
Lead Length, Entire Length
–
1.0
–
mm
L1
Lead Length, Segment 1 (Lead Tip Length)
0.45
0.60
0.75
mm
Θ
Lead Tip Angle
0
–
7
degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com