Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1531 Datasheet(PDF) 70 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 70 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 66Page - Integrated Circuit Systems ICS1531 Datasheet HTML 67Page - Integrated Circuit Systems ICS1531 Datasheet HTML 68Page - Integrated Circuit Systems ICS1531 Datasheet HTML 69Page - Integrated Circuit Systems ICS1531 Datasheet HTML 70Page - Integrated Circuit Systems ICS1531 Datasheet HTML 71Page - Integrated Circuit Systems ICS1531 Datasheet HTML 72Page - Integrated Circuit Systems ICS1531 Datasheet HTML 73Page - Integrated Circuit Systems ICS1531 Datasheet HTML 74Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 76 page
background image
ICS1531 Rev N 12/1/99
December, 1999
70
Chapter 11
VCO Transfer Characteristics
ICS1531 Data Sheet - Preliminary
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
Chapter 11
VCO Transfer Characteristics
Figure 11-1 shows the VCO output frequency as a function of both Vin (that is, the VCO control voltage)
and VDD under the following conditions:
• Temperature is ‘ambient’.
• The Phase/Frequency Detector is disabled.
• The external filter is selected, and Vin is applied between the EXTFIL pin and XFILRET pin.
The VCO gain, shown as the slope of the linear region, is approximately 300 MHz/V. ICS recommends that
ideally, the ICS1531 is operated in a region from 250 to 500 MHz.
Important: If both the HSYNC and ADCSYNC signals are first measured at 0
° C and then the ADCSYNC
signal is measured at 70
° C, the drift (that is, the difference between the two ADCSYNC
measurements) is 400 ps.
Figure 11-1.
Relationship of VCO Voltage and VCO Output Frequency
0
100
200
300
400
500
600
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Vin (Volts)
VDD=3.0V
VDD=3.3V
VDD=3.6V
Linear Region
Ideal
Operating
Region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com