Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1531 Datasheet(PDF) 49 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 49 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 45Page - Integrated Circuit Systems ICS1531 Datasheet HTML 46Page - Integrated Circuit Systems ICS1531 Datasheet HTML 47Page - Integrated Circuit Systems ICS1531 Datasheet HTML 48Page - Integrated Circuit Systems ICS1531 Datasheet HTML 49Page - Integrated Circuit Systems ICS1531 Datasheet HTML 50Page - Integrated Circuit Systems ICS1531 Datasheet HTML 51Page - Integrated Circuit Systems ICS1531 Datasheet HTML 52Page - Integrated Circuit Systems ICS1531 Datasheet HTML 53Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
Chapter 6
Register Set
ICS1531 Rev N 12/1/99
December, 1999
49
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
ICS1531 Data Sheet - Preliminary
6.5.35
Register 33h: B_COARSE
The B_COARSE Register is the first adjustment for the blue channel of the ADC. It is used to coarsely
adjust the analog signal used by the ADC. (See also Section 6.5.38, “Register 36h: B_FINE”.)
Table 6-34.
B_COARSE Register
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set
33:7-
33:6
Reserved
Reserved.
• See Section 6.1, “Reserved Bits”.
• These bits can be programmed to ‘0’.
––
0
33:5
Reserved
Reserved.
• See Section 6.1, “Reserved Bits”.
• This bit must be programmed to ‘1’.
––
1
33:4-
33:2
Reserved
Reserved.
• See Section 6.1, “Reserved Bits”.
• These bits can be programmed to ‘0’.
––
0
33:1-
33:0
B_Coarse_ADJ
[1-0]
Blue Coarse (Gain) Adjust [1-0].
These bits adjust the blue channel of the ADC by adjusting the
gain of the video amplifier for the analog signal used by the
ADC.
• 0 = The gain is 1.0 (default).
• 1 = The gain is 1.2.
• 2 = The gain is 1.4 (typical).
• 3 = The gain is 1.6.
R/W
–
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com