Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1531 Datasheet(PDF) 16 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 16 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 12Page - Integrated Circuit Systems ICS1531 Datasheet HTML 13Page - Integrated Circuit Systems ICS1531 Datasheet HTML 14Page - Integrated Circuit Systems ICS1531 Datasheet HTML 15Page - Integrated Circuit Systems ICS1531 Datasheet HTML 16Page - Integrated Circuit Systems ICS1531 Datasheet HTML 17Page - Integrated Circuit Systems ICS1531 Datasheet HTML 18Page - Integrated Circuit Systems ICS1531 Datasheet HTML 19Page - Integrated Circuit Systems ICS1531 Datasheet HTML 20Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
ICS1531 Rev N 12/1/99
December, 1999
16
Chapter 3
Pin Diagram and Listings
ICS1531 Data Sheet - Preliminary
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
3.2.3.6
Ground Pins
Table 3-8.
Ground Pins
Pin Name
Pin Description
VSS
Ground for (Analog Inputs for Digital Pixel PLL Circuitry).
• These pins are used to ground digital portions of the pixel PLL circuitry that receive analog inputs.
• The VSSD pin must also be connected to these pins.
VSSA
Ground for Analog (Pixel PLL Circuitry).
This pin is used to ground the analog portions of the pixel PLL circuitry.
VSSAADC
Ground for Analog ADC (Circuitry).
These pins are used to ground the analog portions of the ADC.
VSSD
Ground for Digital (Pixel PLL and Circuitry for Industry-Standard 2-Wire Serial Interface).
This pin is used to ground the digital portions of the pixel PLL circuitry and the circuitry for an
industry-standard 2-wire serial interface.
VSSDADC
Ground for Digital ADC (Circuitry).
This pin is used to ground the digital portions of the ADC.
VSSMCLK
Ground for Memory Clock (Circuitry).
This pin is used to ground the circuitry for the memory clock PPL (that is, MCLK).
VSSPCLK
Ground for Panel Clock (Circuitry).
This pin is used to ground the circuitry for the panel clock PLL (that is, PNLCLK).
VSSQ
Ground for Output Drivers.
This pin is used to ground output drivers for the pixel PLL circuitry.
VSSQADC
Ground for Output Drivers for ADC.
These pins are used to ground the pixel data output drivers for the analog-to-digital converter.
VSSSUB
Ground for Substrate.
These pins are used to provide ground for the chip substrate.
VSS(TEST)
Ground (Normal Mode) or Test Mode.
• Normal Mode.
– Typically, this pin must be connected to ground (the Normal mode).
– When the ICS1531 is in Normal mode, the Calibration registers 38h to 3Ch can be enabled by
using Reg 37:3. (See Section 6.5.39, “Register 37h: PSEL”.)
• Test Mode.
For the VSS(TEST) pin’s Test-mode function, see Table 3-4.
VSSXTL
Ground for Crystal Oscillator.
This pin is used to ground the internal crystal oscillator circuitry.
VSS(TEST)
ICS1531
In Normal mode, use Reg 37:3 to
enable Calibration Regs 38h to 3Ch.
Normal Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com