Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1531 Datasheet(PDF) 53 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 53 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 49Page - Integrated Circuit Systems ICS1531 Datasheet HTML 50Page - Integrated Circuit Systems ICS1531 Datasheet HTML 51Page - Integrated Circuit Systems ICS1531 Datasheet HTML 52Page - Integrated Circuit Systems ICS1531 Datasheet HTML 53Page - Integrated Circuit Systems ICS1531 Datasheet HTML 54Page - Integrated Circuit Systems ICS1531 Datasheet HTML 55Page - Integrated Circuit Systems ICS1531 Datasheet HTML 56Page - Integrated Circuit Systems ICS1531 Datasheet HTML 57Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 76 page
background image
Chapter 6
Register Set
ICS1531 Rev N 12/1/99
December, 1999
53
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
ICS1531 Data Sheet - Preliminary
6.5.40.4
Register 3Bh: CAL_1
The CAL_1 Register is used to select (1) delays to calibrate the ADC data delay and (2) the clock delay for
the green and red channels.
6.5.40.5
Register 3Ch: CAL_2
The CAL_2 Register is used to select (1) delays to calibrate the ADC data delay and (2) the clock delay for
blue channel.
Table 6-42.
CAL1 Register
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set
3B:7
Reserved
Reserved.
• See Section 6.1, “Reserved Bits”.
• This bit can be programmed to ‘0’.
––
0
3B:6
ADC_DD [0]
Analog-to-Digital Converter Data (Global) Delay [0].
• This bit works with Regs 3C:4 and 3C:3 for a global delay
of all RGB data output from the ADC.
• This bit is the least-significant bit.
See Reg
37:3
–0
3B:5-
3B:3
G_CD
Green (Channel) Clock Delay.
These bits select a delay (that is, an offset) for use in
calibrating the clock for the green channel. (An acknowledge
of these bits occurs only when the Calibration Regs are
enabled.) When these bits are:
• 0, the clock delay calibration offset is 0.
• 1 or above, the clock delay calibration offset increases.
R/W
See Reg
37:3
–5
3B:2
3B:0
R_CD
Red (Channel) Clock Delay.
These bits select a delay (that is, an offset) for use in
calibrating the clock for the red channel. (An acknowledge of
these bits occurs only when the Calibration Regs are
enabled.) When these bits are:
• 0, the clock delay calibration offset is 0.
• 1 or above, the clock delay calibration offset increases.
R/W
See Reg
37:3
–5
Table 6-43.
CAL2 Register
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set
3C:7-
3C:5
Bandgap_CAL
Bandgap Calibration.
To calibrate the ICS1531 bandgap voltage, these bits adjust
the current to VRTR, VRTG, and VRTB. (An acknowledge
occurs only when the Test mode is enabled.)
R/W
–
5
3C:4-
3C:3
ADC_DD [2-1]
Analog-to-Digital Converter Data (Global) Delay [2-1].
• These bits work with Reg 3B:6 for a global delay of all
RGB data output from the ADC.
• These bits are the most-significant bits.
See Reg
37:3
–0
3C:2-
3C:0
B_CD
Blue (Channel) Clock Delay.
These bits select a delay (that is, an offset) for use in
calibrating the clock for the blue channel. (An acknowledge
of these bits occurs only when the Calibration Regs are
enabled.) When these bits are:
• 0, the clock delay calibration offset is 0.
• 1 or above, the clock delay calibration offset increases.
R/W
See Reg
37:3
–5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com