Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1531 Datasheet(PDF) 46 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 46 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 42Page - Integrated Circuit Systems ICS1531 Datasheet HTML 43Page - Integrated Circuit Systems ICS1531 Datasheet HTML 44Page - Integrated Circuit Systems ICS1531 Datasheet HTML 45Page - Integrated Circuit Systems ICS1531 Datasheet HTML 46Page - Integrated Circuit Systems ICS1531 Datasheet HTML 47Page - Integrated Circuit Systems ICS1531 Datasheet HTML 48Page - Integrated Circuit Systems ICS1531 Datasheet HTML 49Page - Integrated Circuit Systems ICS1531 Datasheet HTML 50Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
ICS1531 Rev N 12/1/99
December, 1999
46
Chapter 6
Register Set
ICS1531 Data Sheet - Preliminary
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
6.5.30
Register 2Dh: PLL Reset
The PLL Reset (Phase-Locked Loop Reset) Register is used to reset the MCLK and PNLCLK PLLs.
6.5.31
Register 2Eh-2Fh: Reserved
These registers are reserved. (See Section 6.1, “Reserved Bits”.)
Table 6-30.
PLL Reset Register
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set
2D:7-
2D:4
MCLK_Reset [3-0]
MCLK Reset [3-0].
Writing 5xh to these bits:
• Resets MCLK PLL.
• Loads working Regs 26h to 2Bh.
Write
–
N/A
2D:3-
2D:0
PNLCLK_Reset [3-0]
PNLCLK Reset [3-0].
Writing xAh to these bits:
• Resets PNLCLK PLL.
• Loads working Regs 20h to 25h.
Write
–
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com