Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1531 Datasheet(PDF) 52 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 52 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 48Page - Integrated Circuit Systems ICS1531 Datasheet HTML 49Page - Integrated Circuit Systems ICS1531 Datasheet HTML 50Page - Integrated Circuit Systems ICS1531 Datasheet HTML 51Page - Integrated Circuit Systems ICS1531 Datasheet HTML 52Page - Integrated Circuit Systems ICS1531 Datasheet HTML 53Page - Integrated Circuit Systems ICS1531 Datasheet HTML 54Page - Integrated Circuit Systems ICS1531 Datasheet HTML 55Page - Integrated Circuit Systems ICS1531 Datasheet HTML 56Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
ICS1531 Rev N 12/1/99
December, 1999
52
Chapter 6
Register Set
ICS1531 Data Sheet - Preliminary
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
6.5.40
Calibration Registers
The registers in this section can be used to calibrate the ICS1531. Typically, the Calibration registers do not
need to be adjusted. However, access is provided so that production-line calibrations can be made as
necessary.
Note:
For information on how to enable the Calibration Regs, see Reg 37:3.
6.5.40.1
Register 38h: R_COMP_OFF
The R_COMP_OFF Register is used to adjust as necessary the comparator offset for the red ‘B’ and ‘A’
channels.
6.5.40.2
Register 39h: G_COMP_OFF
The G_COMP_OFF Register is used to adjust as necessary the comparator offset for the green ‘B’ and ‘A’
channels.
6.5.40.3
Register 3Ah: B_COMP_OFF
The B_COMP_OFF Register i is used to adjust as necessary the comparator offset for the blue ‘B’ and ‘A’
channels.
Table 6-39.
R_COMP_OFF
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set
38:7
38:4
R_C_O_B
Red Comparator Offset (B Channel).
Reserved.
See
Reg
37:3
–7
38:3-
38:0
R_C_O_A
Red Comparator Offset (A Channel).
Reserved.
See
Reg
37:3
–7
Table 6-40.
G_COMP_OFF Register
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set
39:7
39:4
G_C_O_B
Green Comparator Offset (B Channel).
Reserved.
See
Reg
37:3
–7
39:3-
39:0
G_C_O_A
Green Comparator Offset (A Channel).
Reserved.
See
Reg
37:3
–7
Table 6-41.
B_COMP_OFF Register
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set
3A:7
3A:4
B_C_O_B
Blue Comparator Offset (B Channel).
Reserved.
See
Reg
37:3
–7
3A:3-
3A:0
B_C_O_A
Blue Comparator Offset (A Channel).
Reserved.
See
Reg
37:3
–7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com