Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1531 Datasheet(PDF) 36 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 36 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 32Page - Integrated Circuit Systems ICS1531 Datasheet HTML 33Page - Integrated Circuit Systems ICS1531 Datasheet HTML 34Page - Integrated Circuit Systems ICS1531 Datasheet HTML 35Page - Integrated Circuit Systems ICS1531 Datasheet HTML 36Page - Integrated Circuit Systems ICS1531 Datasheet HTML 37Page - Integrated Circuit Systems ICS1531 Datasheet HTML 38Page - Integrated Circuit Systems ICS1531 Datasheet HTML 39Page - Integrated Circuit Systems ICS1531 Datasheet HTML 40Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 76 page
background image
ICS1531 Rev N 12/1/99
December, 1999
36
Chapter 6
Register Set
ICS1531 Data Sheet - Preliminary
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
6.5.13
Register 10h: Chip Ver
The Chip Ver (Chip Version) Register is used to read the version number of the ICS1531.
6.5.14
Register 11h: Chip Rev
The Chip Rev (Chip Revision) Register is used to read the revision level of the ICS1531 chip.
Table 6-14.
Chip Ver Register
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set
10:7-
10:0
Chip Ver [7-0]
Chip Version [7-0].
• This register indicates the version number of the ICS chip.
• For the ICS1531, these bits have a value of 31 decimal
(that is, 1F hex), as in 1531.
Read
–
1F
Table 6-15.
Chip Rev Register
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set
11:7-
11:4
Chip Major Rev
[3-0]
Chip Major Revision [3-0].
The value of these bits:
• Indicate a ICS1531 major revision.
• Increment (+) with each all-layer revision.
• Have an initial (reset) value of 00h.
Read
IN-A
00+
11:3-
11:0
Chip Minor Rev
[3-0]
Chip Minor Revision [3-0].
The value of these bits:
• Indicate a ICS1531 minor revision.
• Increment (+) with each all-layer revision.
• Have an initial (reset) value of 01h.
Read
IN-A
01+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com